Electronic Components Datasheet Search
  English  ▼

X  

OPA211AI Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA211AI
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211AI Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA211AI Datasheet HTML 13Page - Texas Instruments OPA211AI Datasheet HTML 14Page - Texas Instruments OPA211AI Datasheet HTML 15Page - Texas Instruments OPA211AI Datasheet HTML 16Page - Texas Instruments OPA211AI Datasheet HTML 17Page - Texas Instruments OPA211AI Datasheet HTML 18Page - Texas Instruments OPA211AI Datasheet HTML 19Page - Texas Instruments OPA211AI Datasheet HTML 20Page - Texas Instruments OPA211AI Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
TOTAL HARMONIC DISTORTION
ELECTRICAL OVERSTRESS
R
2
OPA211
R
1
SignalGain=1+
DistortionGain=1+
R
3
V
OUT
Generator
Output
Analyzer
Input
AudioPrecision
SystemTwo
(1)
withPCController
Load
SIG.
GAIN
DIST.
GAIN
R
1
R
2
R
3
¥
100W
1kW
1kW
10W
11W
1
11
101
101
R
2
R
1
R
2
R IIR
1
3
OPA211
OPA2211
www.ti.com...................................................................................................................................................... SBOS377G – OCTOBER 2006 – REVISED MAY 2009
Audio
Precision
System
Two
distortion/noise
MEASUREMENTS
analyzer, which greatly simplifies such repetitive
measurements. The measurement technique can,
OPA211 series op amps have excellent distortion
however,
be
performed
with
manual
distortion
characteristics. THD + Noise is below 0.0002% (G =
measurement instruments.
+1, VOUT = 3VRMS) throughout the audio frequency
range, 20Hz to 20kHz, with a 600
Ω load.
The distortion produced by OPA211 series op amps
Designers often ask questions about the capability of
is below the measurement limit of many commercially
an
operational
amplifier
to
withstand
electrical
available distortion analyzers. However, a special test
overstress. These questions tend to focus on the
circuit illustrated in Figure 48 can be used to extend
device inputs, but may involve the supply voltage pins
the measurement capabilities.
or even the output pin. Each of these different pin
Op amp distortion can be considered an internal error
functions have electrical stress limits determined by
source that can be referred to the input. Figure 48
the
voltage
breakdown
characteristics
of
the
shows a circuit that causes the op amp distortion to
particular semiconductor fabrication process and
be 101 times greater than that normally produced by
specific circuits connected to the pin. Additionally,
the op amp. The addition of R3 to the otherwise
internal electrostatic discharge (ESD) protection is
standard noninverting amplifier configuration alters
built
into
these
circuits
to
protect
them
from
the feedback factor or noise gain of the circuit. The
accidental ESD events both before and during
closed-loop gain is unchanged, but the feedback
product assembly.
available for error correction is reduced by a factor of
It is helpful to have a good understanding of this
101, thus extending the resolution by 101. Note that
basic ESD circuitry and its relevance to an electrical
the input signal and load applied to the op amp are
overstress event. See Figure 49 for an illustration of
the same as with conventional feedback without R3.
the ESD circuits contained in the OPA211 (indicated
The value of R3 should be kept small to minimize its
by the dashed line area). The ESD protection circuitry
effect on the distortion measurements.
involves several current-steering diodes connected
Validity
of
this
technique
can
be
verified
by
from the input and output pins and routed back to the
duplicating measurements at high gain and/or high
internal power-supply lines, where they meet at an
frequency
where
the
distortion
is
within
the
absorption device internal to the operational amplifier.
measurement
capability
of
the
test
equipment.
This protection circuitry is intended to remain inactive
Measurements for this data sheet were made with an
during normal circuit operation.
(1)
For measurement bandwidth, see Figure 3, Figure 4, and Figure 5.
Figure 48. Distortion Test Circuit
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com