Electronic Components Datasheet Search
  English  ▼

X  

OPA211AI Datasheet(PDF) 18 Page - Texas Instruments

Part # OPA211AI
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211AI Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA211AI Datasheet HTML 14Page - Texas Instruments OPA211AI Datasheet HTML 15Page - Texas Instruments OPA211AI Datasheet HTML 16Page - Texas Instruments OPA211AI Datasheet HTML 17Page - Texas Instruments OPA211AI Datasheet HTML 18Page - Texas Instruments OPA211AI Datasheet HTML 19Page - Texas Instruments OPA211AI Datasheet HTML 20Page - Texas Instruments OPA211AI Datasheet HTML 21Page - Texas Instruments OPA211AI Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
R
F
Op-Amp
Core
R
I
R
L
V
(1)
IN
I
D
-In
Out
+In
ESDCurrent-
SteeringDiodes
Edge-TriggeredESD
AbsorptionCircuit
+V
S
+V
-V
-VS
OPA211
OPA211
OPA2211
SBOS377G – OCTOBER 2006 – REVISED MAY 2009...................................................................................................................................................... www.ti.com
(1) VIN = +VS + 500mV.
Figure 49. Equivalent Internal ESD Circuitry and Its Relation to a Typical Circuit Application
An
ESD
event
produces
a
short
duration,
Figure 49 depicts a specific example where the input
high-voltage pulse that is transformed into a short
voltage, VIN, exceeds the positive supply voltage
duration, high-current pulse as it discharges through
(+VS) by 500mV or more. Much of what happens in
a semiconductor device. The ESD protection circuits
the circuit depends on the supply characteristics. If
are designed to provide a current path around the
+VS can sink the current, one of the upper input
operational amplifier core to prevent it from being
steering diodes conducts and directs current to +VS.
damaged. The energy absorbed by the protection
Excessively
high
current
levels
can
flow
with
circuitry is then dissipated as heat.
increasingly higher VIN. As a result, the datasheet
When an ESD voltage develops across two or more
specifications recommend that applications limit the
of the amplifier device pins, current flows through one
input current to 10mA.
or more of the steering diodes. Depending on the
If the supply is not capable of sinking the current, VIN
path that the current takes, the absorption device
may
begin
sourcing
current
to
the
operational
may activate. The absorption device has a trigger, or
amplifier, and then take over as the source of positive
threshold voltage, that is above the normal operating
supply voltage. The danger in this case is that the
voltage of the
OPA211
but
below
the
device
voltage can rise to levels that exceed the operational
breakdown voltage level. Once this threshold is
amplifier absolute maximum ratings. In extreme but
exceeded, the absorption device quickly activates
rare cases, the absorption device triggers on while
and clamps the voltage across the supply rails to a
+VS and –VS are applied. If this event happens, a
safe level.
direct current path is established between the +VS
When the operational amplifier connects into a circuit
and –VS supplies. The power dissipation of the
such as that illustrated in Figure 49, the ESD
absorption device is quickly exceeded, and the
protection
components
are
intended
to
remain
extreme internal heating destroys the operational
inactive and not become involved in the application
amplifier.
circuit operation. However, circumstances may arise
Another common question involves what happens to
where an applied voltage exceeds the operating
the amplifier if an input signal is applied to the input
voltage range of a given pin. Should this condition
while the power supplies +VS and/or –VS are at 0V.
occur, there is a risk that some of the internal ESD
Again, it depends on the supply characteristic while at
protection circuits may be biased on, and conduct
0V, or at a level below the input signal amplitude. If
current. Any such current flow
occurs
through
the supplies appear as high impedance, then the
steering
diode
paths
and
rarely
involves
the
operational amplifier supply current may be supplied
absorption device.
by the input source via the current steering diodes.
This state is not a normal bias condition; the amplifier
18
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com