Electronic Components Datasheet Search
  English  ▼

X  

OPA211AI Datasheet(PDF) 19 Page - Texas Instruments

Part # OPA211AI
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211AI Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA211AI Datasheet HTML 15Page - Texas Instruments OPA211AI Datasheet HTML 16Page - Texas Instruments OPA211AI Datasheet HTML 17Page - Texas Instruments OPA211AI Datasheet HTML 18Page - Texas Instruments OPA211AI Datasheet HTML 19Page - Texas Instruments OPA211AI Datasheet HTML 20Page - Texas Instruments OPA211AI Datasheet HTML 21Page - Texas Instruments OPA211AI Datasheet HTML 22Page - Texas Instruments OPA211AI Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
THERMAL CONSIDERATIONS
DFN LAYOUT GUIDELINES
DFN PACKAGE
OPA211
OPA2211
www.ti.com...................................................................................................................................................... SBOS377G – OCTOBER 2006 – REVISED MAY 2009
most likely will not operate normally. If the supplies
DFN packages are physically small, and have a
are low impedance, then the current through the
smaller routing area, improved thermal performance,
steering diodes can become quite high. The current
and improved electrical parasitics. Additionally, the
level depends on the ability of the input source to
absence
of
external
leads
eliminates
bent-lead
deliver current, and any resistance in the input path.
issues.
The DFN package can be easily mounted using
standard
printed
circuit
board
(PCB)
assembly
techniques. See Application Note QFN/SON PCB
A primary issue with all semiconductor devices is
Attachment (SLUA271) and Application Report Quad
junction
temperature
(TJ).
The
most
obvious
Flatpack No-Lead Logic Packages (SCBA017), both
consideration is assuring that TJ never exceeds the
available for download at www.ti.com.
absolute maximum rating specified for the device.
However, addressing device thermal dissipation has
The exposed leadframe die pad on the bottom of
benefits beyond protecting the device from damage.
the package must be connected to V–. Soldering
Even modest increases in junction temperature can
the thermal pad improves heat dissipation and
decrease
op
amp
performance,
and
enables specified device performance.
temperature-related
errors
can
accumulate.
Understanding the power generated by the device
within the specific application and assessing the
thermal effects on the error tolerance lead to a better
The exposed leadframe die pad on the DFN package
understanding
of
system
performance
and
should be soldered to a thermal pad on the PCB. A
thermal-dissipation needs. For dual-channel products,
mechanical drawing showing an example layout is
the worst-case power resulting from both channels
attached at the end of this data sheet. Refinements to
must be determined. Products with a thermal pad
this layout may be necessary based on assembly
(DFN and PowerPAD devices) provide the best
process requirements. Mechanical drawings located
thermal conduction away from the junction; see the
at the end of this data sheet list the physical
Thermal Resistance from Junction to Pad parameter
dimensions for the package and pad. The five holes
(
θ
JP) in the Electrical Characteristics section. The use
in the landing pattern are optional, and are intended
of packages with a thermal pad improves thermal
for use with thermal vias that connect the leadframe
dissipation.
The
device
achieves
its
optimal
die pad to the heatsink area on the PCB.
performance through careful board and system
Soldering the exposed pad significantly improves
design that considers characteristics such as board
board-level reliability during temperature cycling, key
thickness, metal layers, component spacing, airflow,
push, package shear, and similar board-level tests.
and board orientation. Refer to these application
Even
with
applications
that
have
low-power
notes (available for download at www.ti.com) for
dissipation, the exposed pad must be soldered to the
additional
details:
SZZA017A,
SCBA017,
and
PCB to provide structural integrity and long-term
SPRA953A. For unusual loads and signals, see
reliability.
SBOA022.
The OPA211 is offered in an DFN-8 package (also
known as SON). The DFN package is a QFN
package with lead contacts on only two sides of the
bottom of the package. This leadless package
maximizes board space and enhances thermal and
electrical characteristics through an exposed pad.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com