Electronic Components Datasheet Search
  English  ▼

X  

OPA211AI Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA211AI
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211AI Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA211AI Datasheet HTML 10Page - Texas Instruments OPA211AI Datasheet HTML 11Page - Texas Instruments OPA211AI Datasheet HTML 12Page - Texas Instruments OPA211AI Datasheet HTML 13Page - Texas Instruments OPA211AI Datasheet HTML 14Page - Texas Instruments OPA211AI Datasheet HTML 15Page - Texas Instruments OPA211AI Datasheet HTML 16Page - Texas Instruments OPA211AI Datasheet HTML 17Page - Texas Instruments OPA211AI Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
APPLICATION INFORMATION
OPERATING VOLTAGE
IN-
Pre-OutputDriver
OUT
IN+
V-
V+
OPA211
OPA2211
SBOS377G – OCTOBER 2006 – REVISED MAY 2009...................................................................................................................................................... www.ti.com
negative output voltage swing. With the OPA211
The OPA211 and OPA2211 are unity-gain stable,
series, power-supply voltages do not need to be
precision op amps with very low noise. Applications
equal. For example, the positive supply could be set
with noisy or high-impedance power supplies require
to
+25V
with
the
negative
supply
at
–5V
or
decoupling capacitors close to the device pins. In
vice-versa.
most
cases,
0.1
µF capacitors are adequate.
Figure 44 shows a simplified schematic of the
The common-mode voltage must be maintained
OPA211. This die uses a SiGe bipolar process and
within
the
specified
range.
In
addition,
key
contains 180 transistors.
parameters
are
assured
over
the
specified
temperature
range,
TA
=
–40°C
to
+125°C.
Parameters that vary significantly with operating
voltage or temperature are shown in the Typical
OPA211 series op amps operate from ±2.25V to
Characteristics.
±18V
supplies
while
maintaining
excellent
performance. The OPA211 series can operate with as
little as +4.5V between the supplies and with up to
+36V
between
the
supplies.
However,
some
applications
do
not
require
equal
positive
and
Figure 44. OPA211 Simplified Schematic
14
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com