Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 121Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 122Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 123Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 124Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 125Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 126Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 127Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 128Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 332 page
background image
Monitor ROM (MON)
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
Monitor ROM (MON)
125
Figure 9-1. Monitor Mode Circuit
+
+
+
+
MC145407
MC74HC125
HC908JB16
RST
IRQ
OSC1
OSC2
VSS
PTA0
VDD
10 k
Ω
10k
Ω
6
5
2
4
3
1
DB-25
2
3
7
20
18
17
19
16
15
VDD
V
DD
20 pF
20 pF
10
µF
10
µF
10
µF
10
µF
1
2
4
7
14
3
0.1
µF
12MHz
5
6
PTA1
VDD
0.1
µF
VDD
PTA2
VDD
10 k
Ω
PTA3
VDD
10 k
Ω
10 k
Ω
SW1
A
B
VTST
SW2
E
F
(SEE NOTE 2)
NOTES:
1. Affects high voltage entry to monitor mode only (SW2 at position C):
SW1: Position A — Bus clock = fXCLK ÷ 2
SW1: Position B — Bus clock = fXCLK
2. SW2: Position C — High-voltage entry to monitor mode.
SW2: Position D — Low-voltage entry to monitor mode (with blank reset vector).
See Section 20. for IRQ voltage level requirements.
3. SW3: Position E — OSC1 directly driven by external oscillator.
SW3: Position F — OSC1 driven by crystal oscillator circuit.
10k
Ω
V
DD
V
DD
(SEE NOTE 3)
(SEE NOTE 1)
E
F
C
D
12MHz
SW3
fXCLK
VREG
4.7
µF
0.1
µF
+
PTE3
VDD
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com