Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 125Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 126Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 127Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 128Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 129Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 130Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 131Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 132Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 332 page
background image
Monitor ROM (MON)
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
Monitor ROM (MON)
129
9.4.2 Data Format
Communication with the monitor ROM is in standard non-return-to-zero
(NRZ) mark/space data format. Transmit and receive baud rates must
be identical.
Figure 9-3. Monitor Data Format
9.4.3 Break Signal
A start bit (logic 0) followed by nine logic 0 bits is a break signal. When
the monitor receives a break signal, it drives the PTA0 pin high for the
duration of two bits and then echoes back the break signal.
Figure 9-4. Break Transaction
9.4.4 Baud Rate
The communication baud rate is dependant on oscillator frequency,
fXCLK. The state of PTA3 also affects baud rate if entry to monitor mode
is by IRQ =VTST. When PTA3 is high, the divide by ratio is 625. If the
PTA3 pin is at logic zero upon entry into monitor mode, the divide by ratio
is 312.
BIT 5
START
BIT
BIT 0
BIT 1
NEXT
STOP
BIT
START
BIT
BIT 2
BIT 3
BIT 4
BIT 6
BIT 7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
MISSING STOP BIT
TWO-STOP-BIT DELAY BEFORE ZERO ECHO
Table 9-3. Monitor Baud Rate Selection
Monitor Mode
Entry By:
Oscillator Clock
Frequency,
fCLK
PTA3
Baud Rate
IRQ = VTST
12 MHz
0
38400 bps
12 MHz
1
19200 bps
Blank reset vector,
IRQ = VDD
12 MHz
X
19200 bps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com