| Electronic Components Datasheet Search |
|
M68HC08 Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc |
|
128 / 332 page ![]() Monitor ROM (MON) Technical Data MC68HC908JB16 — Rev. 1.1 128 Monitor ROM (MON) Freescale Semiconductor Figure 9-2. shows a simplified diagram of the monitor mode entry when the reset vector is blank and IRQ = VDD. An external clock of 12MHz is required for a baud rate of 19200. Enter monitor mode with the pin configuration shown in Figure 9-1 by pulling RST low and then high. The rising edge of RST latches monitor mode. Once monitor mode is latched, the values on the specified pins can change. Once out of reset, the MCU waits for the host to send eight security bytes. (See 9.5 Security.) After the security bytes, the MCU sends a break signal (10 consecutive logic zeros) to the host, indicating that it is ready to receive a command. The break signal also provides a timing reference to allow the host to determine the necessary baud rate. In monitor mode, the MCU uses different vectors for reset, SWI (software interrupt), and break interrupt than those for user mode. The alternate vectors are in the $FE page instead of the $FF page and allow code execution from the internal monitor firmware instead of user code. Table 9-2 is a summary of the vector differences between user mode and monitor mode. Table 9-2. Monitor Mode Vector Differences Modes Functions COP Reset Vector High Reset Vector Low Break Vector High Break Vector Low SWI Vector High SWI Vector Low User Enabled $FFFE $FFFF $FFFC $FFFD $FFFC $FFFD Monitor Disabled(1) Notes: 1. If the high voltage (VTST) is removed from the IRQ pin or the RST pin, the SIM asserts its COP enable output. The COP is a mask option enabled or disabled by the COPD bit in the configuration register. $FEFE $FEFF $FEFC $FEFD $FEFC $FEFD |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |