Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 122Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 123Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 124Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 125Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 126Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 127Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 128Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 129Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 332 page
background image
Monitor ROM (MON)
Technical Data
MC68HC908JB16 — Rev. 1.1
126
Monitor ROM (MON)
Freescale Semiconductor
9.4.1 Entering Monitor Mode
Table 9-1 shows the pin conditions for entering monitor mode. As
specified in the table, monitor mode may be entered after a POR and will
allow communication at 19200 baud provided one of the following sets
of conditions is met:
1. If IRQ = VTST:
–
External clock on OSC1 is 12MHz
–
PTA3 = high
–
PTE3 = high
2. If $FFFE & $FFFF is blank (contains $FF):
–
External clock on OSC1 is 12MHz
–IRQ = VDD
–
PTE3 = high
Table 9-1. Mode Entry Requirements and Options
External Clock,
fXCLK
Bus
Frequency,
fBUS
Comments
VTST
(2)
X
1
0
0
1
1
12 MHz
12 MHz
(fXCLK)
High-voltage entry to
monitor mode.
38400 baud communication
on PTA0. COP disabled.
VTST
(2)
X
1101
1
12 MHz
6MHz
(fXCLK ÷ 2)
High-voltage entry to
monitor mode.
19200 baud communication
on PTA0. COP disabled.
VDD
BLANK
(contain
$FF)
1
XXX
1
12 MHz
6MHz
(fXCLK ÷ 2)
Low-voltage entry to
monitor mode.
19200 baud communication
on PTA0. COP disabled.
VDD
NOT
BLANK
1
XXXX
12 MHz
6MHz
(fXCLK ÷ 2)
Enters user mode.
If $FFFE and $FFFF is
blank, MCU will encounter
an illegal address reset.
Notes:
1. PTA3 = 0: Bypasses the divide-by-two prescaler to SIM when using VTST for monitor mode entry.
2. See Section 20. Electrical Specifications for VTST voltage level requirements.
Factory use only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com