Electronic Components Datasheet Search
  English  ▼

X  

LMV321M7/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321M7/NOPB
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321M7/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMV321M7/NOPB Datasheet HTML 11Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 12Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 13Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 14Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 15Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 16Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 17Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 18Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
www.ti.com
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
Figure 50. Output Swing of LM324
CAPACITIVE LOAD TOLERANCE
The LMV321-N/LMV358-N/LMV324-N can directly drive 200 pF in unity-gain without oscillation. The unity-gain
follower is the most sensitive configuration to capacitive loading. Direct capacitive loading reduces the phase
margin of amplifiers. The combination of the amplifier's output impedance and the capacitive load induces phase
lag. This results in either an underdamped pulse response or oscillation. To drive a heavier capacitive load, the
circuit in Figure 51 can be used.
Figure 51. Indirectly Driving a Capacitive Load Using Resistive Isolation
In Figure 51 , the isolation resistor RISO and the load capacitor CL form a pole to increase stability by adding more
phase margin to the overall system. The desired performance depends on the value of RISO. The bigger the RISO
resistor value, the more stable VOUT will be. Figure 52 is an output waveform of Figure 51 using 620Ω for RISO
and 510 pF for CL..
Figure 52. Pulse Response of the LMV324 Circuit in Figure 51
The circuit in Figure 53 is an improvement to the one in Figure 51 because it provides DC accuracy as well as
AC stability. If there were a load resistor in Figure 51, the output would be voltage divided by RISO and the load
resistor. Instead, in Figure 53, RF provides the DC accuracy by using feed-forward techniques to connect VIN to
RL. Caution is needed in choosing the value of RF due to the input bias current of theLMV321-N/LMV358-
N/LMV324-N. CF and RISO serve to counteract the loss of phase margin by feeding the high frequency
component of the output signal back to the amplifier's inverting input, thereby preserving phase margin in the
overall feedback loop. Increased capacitive drive is possible by increasing the value of CF . This in turn will slow
down the pulse response.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com