Electronic Components Datasheet Search
  English  ▼

X  

LMV321M7/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321M7/NOPB
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321M7/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LMV321M7/NOPB Datasheet HTML 22Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 23Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 24Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 25Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 26Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 27Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 28Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 29Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
www.ti.com
Figure 67 is a squarewave generator with the same path for charging and discharging the capacitor.
Figure 67. Squarewave Generator
CURRENT SOURCE AND SINK
The LMV321-N/LMV358-N/LMV324-N can be used in feedback loops which regulate the current in external PNP
transistors to provide current sources or in external NPN transistors to provide current sinks.
Fixed Current Source
A multiple fixed current source is shown in Figure 68. A voltage (VREF = 2V) is established across resistor R3 by
the voltage divider (R3 and R4). Negative feedback is used to cause the voltage drop across R1 to be equal to
VREF. This controls the emitter current of transistor Q1 and if we neglect the base current of Q1 and Q2,
essentially this same current is available out of the collector of Q1.
Large input resistors can be used to reduce current loss and a Darlington connection can be used to reduce
errors due to the
β of Q1.
The resistor, R2, can be used to scale the collector current of Q2 either above or below the 1 mA reference value.
Figure 68. Fixed Current Source
26
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com