Electronic Components Datasheet Search
  English  ▼

X  

LMV321M7/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321M7/NOPB
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321M7/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMV321M7/NOPB Datasheet HTML 10Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 11Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 12Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 13Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 14Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 15Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 16Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 17Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
www.ti.com
APPLICATION INFORMATION
BENEFITS OF THE LMV321-N/LMV358-N/LMV324-N
Size
The small footprints of the LMV321-N/LMV358-N/LMV324-N packages save space on printed circuit boards, and
enable the design of smaller electronic products, such as cellular phones, pagers, or other portable systems. The
low profile of the LMV321-N/LMV358-N/LMV324-N make them possible to use in PCMCIA type III cards.
Signal Integrity
Signals can pick up noise between the signal source and the amplifier. By using a physically smaller amplifier
package, the LMV321-N/LMV358-N/LMV324-N can be placed closer to the signal source, reducing noise pickup
and increasing signal integrity.
Simplified Board Layout
These products help you to avoid using long PC traces in your PC board layout. This means that no additional
components, such as capacitors and resistors, are needed to filter out the unwanted signals due to the
interference between the long PC traces.
Low Supply Current
These devices will help you to maximize battery life. They are ideal for battery powered systems.
Low Supply Voltage
Texas Instruments provides guaranteed performance at 2.7V and 5V. These guarantees ensure operation
throughout the battery lifetime.
Rail-to-Rail Output
Rail-to-rail output swing provides maximum possible dynamic range at the output. This is particularly important
when operating on low supply voltages.
Input Includes Ground
Allows direct sensing near GND in single supply operation.
Protection should be provided to prevent the input voltages from going negative more than
−0.3V (at 25°C). An
input clamp diode with a resistor to the IC input terminal can be used.
Ease of Use and Crossover Distortion
The LMV321-N/LMV358-N/LMV324-N offer specifications similar to the familiar LM324-N. In addition, the new
LMV321-N/LMV358-N/LMV324-N effectively eliminate the output crossover distortion. The scope photos in
Figure 49 and Figure 50 compare the output swing of the LMV324-N and the LM324-N in a voltage follower
configuration, with VS = ± 2.5V and RL (= 2 kΩ) connected to GND. It is apparent that the crossover distortion
has been eliminated in the new LMV324-N.
Figure 49. Output Swing of LMV324
14
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com