Electronic Components Datasheet Search
  English  ▼

X  

LMV321M7/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321M7/NOPB
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321M7/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMV321M7/NOPB Datasheet HTML 19Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 20Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 21Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 22Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 23Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 24Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 25Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 26Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
www.ti.com
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
(23)
where for all three filters,
(24)
(25)
A design example for a bandpass filter is shown below:
Assume the system design requires a bandpass filter with f O = 1 kHz and Q = 50. What needs to be calculated
are capacitor and resistor values.
First choose convenient values for C1, R1 and R2:
C1 = 1200 pF
(26)
2R2 = R1 = 30 kΩ
(27)
Then from Equation 24,
(28)
From Equation 25,
(29)
From the above calculated values, the midband gain is H0 = R3/R2 = 100 (40 dB). The nearest 5% standard
values have been added to Figure 63.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com