Electronic Components Datasheet Search
  English  ▼

X  

LMV321M7/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321M7/NOPB
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321M7/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV321M7/NOPB Datasheet HTML 8Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 9Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 10Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 11Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 12Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 13Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 14Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 15Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Stability
vs.
Inverting Small Signal Pulse Response
Capacitive Load
Figure 40.
Figure 41.
Stability
Stability
vs.
vs.
Capacitive Load
Capacitive Load
Figure 42.
Figure 43.
Stability
THD
vs.
vs.
Capacitive Load
Frequency
Figure 44.
Figure 45.
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com