Electronic Components Datasheet Search
  English  ▼

X  

AD7854ARS Datasheet(PDF) 10 Page - Analog Devices

Part # AD7854ARS
Description  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7854ARS Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7854ARS Datasheet HTML 6Page - Analog Devices AD7854ARS Datasheet HTML 7Page - Analog Devices AD7854ARS Datasheet HTML 8Page - Analog Devices AD7854ARS Datasheet HTML 9Page - Analog Devices AD7854ARS Datasheet HTML 10Page - Analog Devices AD7854ARS Datasheet HTML 11Page - Analog Devices AD7854ARS Datasheet HTML 12Page - Analog Devices AD7854ARS Datasheet HTML 13Page - Analog Devices AD7854ARS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7854/AD7854L
–10–
REV. B
STATUS REGISTER
The arrangement of the status register is shown below. The status register is a read-only register and contains 16 bits of data. The
status register is selected by writing to the control register and putting two 1s in RDSLT1 and RDSLT0. The function of the bits in
the status register are described below. The power-up status of all bits is 0.
START
READ STATUS REGISTER
WRITE TO CONTROL REGISTER
SETTING RDSLT0 = RDSLT1 = 1
Figure 4. Flowchart for Reading the Status Register
MSB
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
PMGT1
PMGT0
ONE
ONE
AMODE
BUSY
CALMD
CALSLT1
CALSLT0
STCAL
LSB
Status Register Bit Function Description
Bit
Mnemonic
Comment
15
ZERO
These six bits are always 0.
14
ZERO
13
ZERO
12
ZERO
11
ZERO
10
ZERO
9
PMGT1
Power Management Bits. These bits will indicate if the part is in a power-down mode or not. See Table VI
8
PMGT0
in Power-Down Section for description.
7
ONE
Both these bits are always 1.
6
ONE
5
AMODE
Analog Mode Bit. When this bit is a 0, the device is set up for the unipolar analog input range. When this
bit is a 1, the device is set up for the bipolar analog input range.
4
BUSY
Conversion/Calibration Busy Bit. When this bit is 1, this indicates that there is a conversion or calibration
in progress. When this bit is 0, there is no conversion or calibration in progress.
3
CALMD
Calibration Mode Bit. A 0 in this bit indicates a self-calibration is selected, and a 1 in this bit indicates a
system calibration is selected (see Table III).
2
CALSLT1
Calibration Selection Bits and Start Calibration Bit. The STCAL bit is read as a 1 if a calibration is in
1
CALSLT0
progress and as a 0 if there is no calibration in progress. The CALSLT1 and CALSLT0 bits indicate
0
STCAL
which of the calibration registers are addressed for reading and writing (see section on the Calibration
Registers for more details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com