Electronic Components Datasheet Search
  English  ▼

X  

AD7854ARS Datasheet(PDF) 23 Page - Analog Devices

Part # AD7854ARS
Description  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7854ARS Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7854ARS Datasheet HTML 19Page - Analog Devices AD7854ARS Datasheet HTML 20Page - Analog Devices AD7854ARS Datasheet HTML 21Page - Analog Devices AD7854ARS Datasheet HTML 22Page - Analog Devices AD7854ARS Datasheet HTML 23Page - Analog Devices AD7854ARS Datasheet HTML 24Page - Analog Devices AD7854ARS Datasheet HTML 25Page - Analog Devices AD7854ARS Datasheet HTML 26Page - Analog Devices AD7854ARS Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD7854/AD7854L
REV. B
–23–
PARALLEL INTERFACE
Reading
The timing diagram for a read cycle is shown in Figure 35. The
CONVST and BUSY signals are not shown here as the read
cycle may occur while a conversion is in progress or after the
conversion is complete.
The HBEN signal is low for the first read and high for the sec-
ond read. This ensures that it is the lower 12 bits of the 16-bit
word are output in the first read and the 8 MSBs of the 16-bit
word are output in the second read. If required, the HBEN
signal may be high for the first read and low for the second
read to ensure that the high byte is output in the first read
and the lower byte in the second read. The
CS and RD sig-
nals are gated together internally and level triggered active
low. Both
CS and RD may be tied together as the timing speci-
fication for t5 and t6 are both 0 ns min. The data is output a time t8
after both
CS and RD go low. The RD rising edge should be
used to latch the data by the user and after a time t9 the data
lines will go into their high impedance state.
In Figure 35, the first read outputs the 12 LSBs of the 16-bit
word on pins DB0 to DB11 (DB0 being the LSB of the 12-bit
read). The second read outputs the 8 MSBs of the 16-bit word
on pins DB0 to DB7 (DB0 being the LSB of the 8-bit read). If the
system has a 12-bit or a 16-bit data bus, only one read operation
is necessary to obtain the 12-bit conversion result (12 bits are
output in the first read). A second read operation is not required.
If the system has an 8-bit data bus then two reads are needed.
Pins DB0 to DB7 should be connected the 8-bit data bus. Pins
DB8 to DB11 should be tied to DGND or DVDD via 10 k
Ω
resistors. With this arrangement, HBEN is pulled low for the
first read and the 8 LSBs of the 16-bit word are output on pins
DB0 to DB7 (data on pins DB8 to DB11 will be ignored).
HBEN is pulled high for the second read and now the 8 MSBs
of the 16-bit word are output on pins DB0 to DB7.
DATA
VALID
t3 = 15ns MIN, t4 = 5ns MIN, t5 = t6 = 0ns MIN,
t8 = 50ns MAX, t9 = 5/40ns MIN/MAX, t10 = 70ns MIN
t3
t4
t3
t4
t5
t6
t9
t8
HBEN
CS
RD
DATA
t10
DATA
VALID
t7
Figure 35. Read Cycle Timing Diagram Using
CS and RD
In the case where the AD7854/AD7854L is operated as a read-
only ADC, the
WR pin can be tied permanently high. The read
operation need only consist of one read if the system has a 12-
bit or a 16-bit data bus.
When both the
CS and RD signals are tied permanently low a
different timing arrangement results, as shown in Figure 36.
Here the data is output a time t20 before the falling edge of the
BUSY signal. This allows the falling edge of BUSY to be used
for latching the data. Again if HBEN is low during the conver-
sion the 12 LSBs of the 16-bit word will be output on pins DB0
to DB11. Bringing HBEN high causes the 8 MSBs of the 16-bit
word to be output on pins DB0 to DB7. Note that with this
arrangement the data lines are always active.
t1 = 100ns MIN, t20 = 70ns MIN,
t19 = t20 = 70ns MIN, t21 = t22 = 60ns MAX
t1
t2
tCONVERT
CONVERSION IS INITIATED ON THIS EDGE
t19
t20
t18
t21
t22
OLD DATA VALID
NEW DATA
VALID
(DB0–DB11)
NEW DATA
VALID
(DB8–DB11)
NEW DATA
VALID
(DB0–DB11)
NEW DATA
VALID
(DB8–DB11)
ON PINS DB0 TO DB11
ON PINS DB0 TO DB7
CONVST
BUSY
HBEN
DATA
Figure 36. Read Cycle Timing Diagram with
CS and RD
Tied Low
Writing
The timing diagram for a write cycle is shown in Figure 37. The
CONVST and BUSY signals are not shown here as the write
cycle may occur while a conversion is in progress or after the
conversion is complete.
To write a 16-bit word to the AD7854/AD7854L, two 8-bit
writes are required. The HBEN signal must be low for the first
write and high for the second write. This ensures that it is the
lower 8 bits of the 16-bit word are latched in the first write and
the 8 MSBs of the 16-bit word are latched in the second write.
For both write operations the 8 bits of data should be present on
pins DB0 to DB7 (DB0 being the LSB of the 8-bit write). Any
data on pins DB8 to DB11 is ignored when writing to the device.
The
CS and WR signals are gated together internally. Both CS
and
WR may be tied together as the timing specification for t
13
and t14 are both 0 ns min. The data is latched on the rising edge
of
WR. The data needs to be set up a time t
16 before the WR
rising edge and held for a time t17 after the WR rising edge.
DATA
VALID
t11
t12
t11
t12
t13
t14
t10
t15
t16
t17
HBEN
CS
WR
DATA
DATA
VALID
t11 = 0ns MIN, t12 = 5ns MIN, t13 = t14 = 0ns MIN,
t15 = 70ns MIN, t16 = 10ns MIN, t17 = 5ns MIN
Figure 37. Write Cycle Timing Diagram
Resetting the Parallel Interface
If random data has been inadvertently written to the test regis-
ter, it is necessary to write the 16-bit word 0100 0000 0000
0010 (in two 8-bit bytes) to restore the test register to its
default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com