| Electronic Components Datasheet Search |
|
AD7854ARS Datasheet(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7854ARS Datasheet(HTML) 17 Page - Analog Devices |
|
17 / 28 page ![]() AD7854/AD7854L REV. B –17– POWER-UP TIMES Using an External Reference When the AD7854/AD7854L are powered up, the parts are powered up from one of two conditions. First, when the power supplies are initially powered up and, secondly, when the parts are powered up from a software power-down (see last section). When AVDD and DVDD are powered up, the AD7854/AD7854L enters a mode whereby the CONVST signal initiates a timeout followed by a self-calibration. The total time taken for this time- out and calibration is approximately 70 ms—see Calibration on Power-Up in the calibration section of this data sheet. The power- up calibration mode can be disabled if the user writes to the control register before a CONVST signal is applied. If the timeout and self-calibration are disabled, then the user must take into account the time required by the AD7854/AD7854L to power up before a self-calibration is carried out. This power-up time is the time taken for the AD7854/AD7854L to power up when power is first applied (300 µs typ) or the time it takes the external refer- ence to settle to the 12-bit level—whichever is the longer. The AD7854/AD7854L powers up from a full software power- down in 5 µs typ. This limits the throughput which the part is capable of to 100 kSPS for the AD7854 and 60 kSPS for the AD7854L when powering down between conversions. Figure 21 shows how a full power-down between conversions is implemented using the CONVST pin. The user first selects the power-down between conversions option by setting the power management bits, PMGT1 and PMGT0, to 0 and 1 respectively in the control register (see last section). In this mode the AD7854/AD7854L automatically enters a full power-down at the end of a conver- sion, i.e., when BUSY goes low. The falling edge of the next CONVST pulse causes the part to power up. Assuming the external reference is left powered up, the AD7854/AD7854L should be ready for normal operation 5 µs after this falling edge. The rising edge of CONVST initiates a conversion so the CONVST pulse should be at least 5 µs wide. The part auto- matically powers down on completion of the conversion. Where the software convert start is used, the part may be powered up in software before a conversion is initiated. tCONVERT 5 s 4.6 s POWER-UP TIME NORMAL OPERATION FULL POWER-DOWN POWER-UP TIME POWER-UP ON FALLING EDGE START CONVERSION ON RISING EDGE BUSY CONVST Figure 21. Using the CONVST Pin to Power Up the AD7854 for a Conversion INPUT FREQUENCY – kHz –78 –80 –90 0 100 20 40 60 –82 –84 –86 –88 80 AVDD = DVDD = 3.3V/5.0V, 100mV pk-pk SINE WAVE ON AVDD 3.3V 5.0V Figure 20. PSRR vs. Frequency POWER-DOWN OPTIONS The AD7854/AD7854L provides flexible power management to allow the user to achieve the best power performance for a given throughput rate. The power management options are selected by programming the power management bits, PMGT1 and PMGT0, in the control register. Table VI summarizes the power- down options that are available and how they can be selected by programming the power management bits in the control register. The AD7854/AD7854L can be fully or partially powered down. When fully powered down, all the on-chip circuitry is powered down and IDD is 10 µA typ. If a partial power-down is selected, then all the on-chip circuitry except the reference is powered down and IDD is 400 µA typ with the external clock running. Additional power savings may be made if the external clock is off. The choice of full or partial power-down does not give any significant improvement in the throughput rate which can be achieved with a power-down between conversions. This is dis- cussed in the next section—Power-Up Times. But a partial power-down does allow the on-chip reference to be used exter- nally even though the rest of the AD7854/AD7854L circuitry is powered down. It also allows the AD7854/AD7854L to be pow- ered up faster after a long power-down period when using the on-chip reference (See Power-Up Times section—Using the Internal (On-Chip) Reference). As can be seen from Table VI, the AD7854/AD7854L can be programmed for normal operation, a full power-down at the end of a conversion, a partial power-down at the end of a conversion and finally a full power-down whether converting or not. The full and partial power-down at the end of a conversion can be used to achieve a superior power performance at slower through- put rates, in the order of 50 kSPS (see Power vs. Throughput Rate section of this data sheet). Table VI. Power Management Options PMGT1 PMGT0 Bit Bit Comment 0 0 Normal Operation 0 1 Full Power-Down After a Conversion 1 0 Full Power-Down 1 1 Partial Power-Down After a Conversion |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |