Electronic Components Datasheet Search
  English  ▼

X  

AD7091 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7091
Description  1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7091 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7091 Datasheet HTML 7Page - Analog Devices AD7091 Datasheet HTML 8Page - Analog Devices AD7091 Datasheet HTML 9Page - Analog Devices AD7091 Datasheet HTML 10Page - Analog Devices AD7091 Datasheet HTML 11Page - Analog Devices AD7091 Datasheet HTML 12Page - Analog Devices AD7091 Datasheet HTML 13Page - Analog Devices AD7091 Datasheet HTML 14Page - Analog Devices AD7091 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD7091
Rev. A | Page 11 of 20
TYPICAL CONNECTION DIAGRAM
Figure 19 shows a typical connection diagram for the AD7091.
A positive power supply in the range of 2.09 V to 5.25 V should
be connected to the VDD pin. The reference is derived internally
from VDD and, for this reason, VDD should be well decoupled to
achieve the specified performance; typical values for the decoupling
capacitors are 100 nF and 10 μF. The analog input range is 0 V
to VDD. The typical value for the regulator bypass decoupling
capacitor (REGCAP) is 1 μF. The conversion result is output in
a 12-bit word with the MSB first.
Alternatively, because the supply current required by the AD7091
is so low, a precision reference can be used as the supply source
to the part. A reference from the REF19x or ADR34xx voltage
reference family (REF195 or ADR3450 for 5 V, and REF193 or
ADR3430 for 3 V) can be used to supply the required voltage
to the ADC. This configuration is especially useful if the power
supply is quite noisy, or if the system supply voltages are at some
value other than 5 V or 3 V, such as 15 V.
If the busy indicator function is required, connect a pull-up
resistor of typically 100 kΩ to VDD to the SDO pin (see Figure 19).
In addition, for applications in which power consumption is
a concern, the power-down mode can be used to improve the
power performance of the ADC (see the Modes of Operation
section for more information).
ANALOG INPUT
Figure 18 shows an equivalent circuit of the AD7091 analog
input structure. The D1 and D2 diodes provide ESD protection
for the analog input. To prevent the diodes from becoming
forward-biased and conducting current, ensure that the analog
input signal never exceeds VDD by more than 300 mV. These diodes
can conduct a maximum of 10 mA without causing irreversible
damage to the part.
D1
D2
R1
C2
3.6pF
VDD
VIN
C1
1pF
C3
2.5pF
NOTES
1. DURING THE CONVERSION PHASE, THE SWITCH IS OPEN.
DURING THE TRACK PHASE, THE SWITCH IS CLOSED.
Figure 18. Equivalent Analog Input Circuit
Capacitor C1 in Figure 18 is typically about 1 pF and can
primarily be attributed to pin capacitance. Resistor R1 is a
lumped component made up of the on resistance of a switch.
This resistor is typically about 500 Ω. Capacitor C2 is the ADC
sampling capacitor and typically has a capacitance of 3.6 pF.
In applications where harmonic distortion and signal-to-noise
ratio (SNR) are critical, the analog input should be driven from
a low impedance source. Large source impedances significantly
affect the ac performance of the ADC and may necessitate the
use of an input buffer amplifier, as shown in Figure 19. The choice
of the op amp is a function of the particular application.
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum source
impedance depends on the amount of total harmonic distortion
(THD) that can be tolerated. The THD increases as the source
impedance increases and performance degrades. Figure 9 shows
a graph of THD vs. source impedance when using a supply
voltage of 3 V and a sampling rate of 1 MSPS.
To achieve the specified performance, use an external filter—such
as the one-pole, low-pass RC filter shown in Figure 19—on the
analog input connected to the AD7091.
AD7091
VIN
GND
CONVST
SDO
VDD
CS
SCLK
REGCAP
MICROPROCESSOR/
MICROCONTROLLER/
DSP
10μF
100nF
1μF
100kΩ
WITH BUSY
INDICATOR
ANALOG
INPUT
VDD
VDD
51Ω
4.7nF
(2.09V to 5.25V)
Figure 19. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com