Electronic Components Datasheet Search
  English  ▼

X  

AD7091 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7091
Description  1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7091 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7091 Datasheet HTML 12Page - Analog Devices AD7091 Datasheet HTML 13Page - Analog Devices AD7091 Datasheet HTML 14Page - Analog Devices AD7091 Datasheet HTML 15Page - Analog Devices AD7091 Datasheet HTML 16Page - Analog Devices AD7091 Datasheet HTML 17Page - Analog Devices AD7091 Datasheet HTML 18Page - Analog Devices AD7091 Datasheet HTML 19Page - Analog Devices AD7091 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD7091
Data Sheet
Rev. A | Page 16 of 20
BUSY INDICATOR DISABLED
To operate the AD7091 without the busy indicator, a conversion
must first be started. A high-to-low transition on CONVST initi-
ates a conversion. This transition places the track-and-hold into
hold mode and samples the analog input at this point. If the user
does not want the AD7091 to enter power-down mode, CONVST
should be taken high before the end of the conversion.
A conversion requires 650 ns to complete. When the conversion
process is finished, the track-and-hold returns to track mode. To
prevent the busy indicator from becoming enabled, ensure that
CS is pulled high before the end of the conversion (see Figure 27).
The conversion result is shifted out of the device as a 12-bit
word under the control of SCLK and CS. The MSB (Bit DB11)
is clocked out on the falling edge of CS. DB10 to DB0 are shifted
out on the subsequent falling edges of SCLK. The 12th SCLK
falling edge returns SDO to a high impedance state. After all the
data is clocked out, pull CS high again. Data is propagated on
SCLK falling edges and is valid on both the rising and falling
edges of the next SCLK. The timing diagram for this operation
is shown in Figure 27.
If another conversion is required, pull CONVST low again and
repeat the cycle.
THREE-STATE
THREE-STATE
CS
SCLK
1
5
12
2
3
4
DB11
DB10
DB9
DB2
DB1
t2
t3
t5
t6
DB8
DB7
SDO
CONVST
EOC
10
11
t10
tQUIET
t7
t8
t4
t11
DB0
t12
NOTES
1. EOC IS THE END OF A CONVERSION.
Figure 27. Serial Port Timing Without Busy Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com