Electronic Components Datasheet Search
  English  ▼

X  

AD7091 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7091
Description  1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7091 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7091 Datasheet HTML 10Page - Analog Devices AD7091 Datasheet HTML 11Page - Analog Devices AD7091 Datasheet HTML 12Page - Analog Devices AD7091 Datasheet HTML 13Page - Analog Devices AD7091 Datasheet HTML 14Page - Analog Devices AD7091 Datasheet HTML 15Page - Analog Devices AD7091 Datasheet HTML 16Page - Analog Devices AD7091 Datasheet HTML 17Page - Analog Devices AD7091 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD7091
Data Sheet
Rev. A | Page 14 of 20
Figure 23 and Figure 24 show the typical power dissipation
vs. throughput rate for the AD7091 at 3 V for the VDD supply.
Figure 24 shows the reduction in power consumption that can
be achieved when power-down mode is used compared with
using only normal mode at lower throughput rates.
0
100
200
300
400
500
600
700
800
900
1000
1100
0
200
400
600
800
1000
THROUGHPUT RATE (kSPS)
VDD = 3V
Figure 23. Power Dissipation vs. Throughput Rate (Full Range)
1
10
100
0.01
0.1
1
10
100
THROUGHPUT RATE (kSPS)
VDD (NO PD)
VDD = 3V
VIN = 0V
VDD
Figure 24. Power Dissipation vs. Throughput Rate (Lower Range)
MULTIPLEXER APPLICATIONS
A multiplexer can be used in the signal chain to switch multiple
analog input signals to the AD7091. In such applications,
control the multiplexer switch time to ensure accurate analog-
to digital-conversion of the input signals.
To allow the AD7091
to fully acquire the input signal, the multiplexer should
switch in the channel to be converted a minimum of 350 ns
before initiating a conversion. The multiplexer should also
hold this channel at the AD7091 for a minimum of 200 ns after
the CONVST falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com