Electronic Components Datasheet Search
  English  ▼

X  

AX4147G Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AX4147G
Description  Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AX4147G Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AX4147G Datasheet HTML 1Page - Panasonic Semiconductor AX4147G Datasheet HTML 2Page - Panasonic Semiconductor AX4147G Datasheet HTML 3Page - Panasonic Semiconductor AX4147G Datasheet HTML 4Page - Panasonic Semiconductor AX4147G Datasheet HTML 5Page - Panasonic Semiconductor AX4147G Datasheet HTML 6Page - Panasonic Semiconductor AX4147G Datasheet HTML 7Page - Panasonic Semiconductor AX4147G Datasheet HTML 8Page - Panasonic Semiconductor AX4147G Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AXK7, 8
ACCTB3E 201212-T
PRODUCT TYPES
Without soldering terminals
Notes: 1. Regarding ordering units; During production: Please make orders in 1-reel units.
Samples for mounting confi mation: Available in units of 50 pieces. Please consult us. (See “Regarding sample orders to confi m proper mounting” on page 169.)
Samples: Small lot orders are possible.
2. The above part numbers are for connectors without positioning bosses, which are standard. When ordering connectors with positioning bosses, please contact our
sales offic .
3. Different number of pins are available on-demand production only. Please contact us for more details.
Mated height
Number of pins
Part number
Packing
Socket
Header
Inner carton
Outer carton
1.5 mm
14
AXK714147G
AXK814145WG
3,000 pieces
6,000 pieces
20
AXK720147G
AXK820145WG
22
AXK722147G
AXK822145WG
24
AXK724147G
AXK824145WG
26
AXK726147G
AXK826145WG
30
AXK730147G
AXK830145WG
34
AXK734147G
AXK834145WG
40
AXK740147G
AXK840145WG
44
AXK744147G
AXK844145WG
50
AXK750147G
AXK850145WG
54
AXK754147G
AXK854145WG
60
AXK760147G
AXK860145WG
64
AXK764147G
AXK864145WG
70
AXK770147G
AXK870145WG
80
AXK780147G
AXK880145WG
100
AXK700147G
AXK800145WG
2.0 mm
14
AXK714247G
AXK814145WG
20
AXK720247G
AXK820145WG
24
AXK724247G
AXK824145WG
26
AXK726247G
AXK826145WG
30
AXK730247G
AXK830145WG
40
AXK740247G
AXK840145WG
50
AXK750247G
AXK850145WG
60
AXK760247G
AXK860145WG
70
AXK770247G
AXK870145WG
80
AXK780247G
AXK880145WG
2.5 mm
14
AXK714347G
AXK814145WG
20
AXK720347G
AXK820145WG
24
AXK724347G
AXK824145WG
30
AXK730347G
AXK830145WG
40
AXK740347G
AXK840145WG
50
AXK750347G
AXK850145WG
60
AXK760347G
AXK860145WG
70
AXK770347G
AXK870145WG
80
AXK780347G
AXK880145WG
3.0 mm
20
AXK720347G
AXK820245WG
24
AXK724347G
AXK824245WG
30
AXK730347G
AXK830245WG
40
AXK740347G
AXK840245WG
50
AXK750347G
AXK850245WG
60
AXK760347G
AXK860245WG
80
AXK780347G
AXK880245WG
3.5 mm
20
AXK720447G
AXK820245WG
Socket: 2,000 pieces
Header: 3,000 pieces
Socket: 4,000 pieces
Header: 6,000 pieces
30
AXK730447G
AXK830245WG
40
AXK740447G
AXK840245WG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com