Electronic Components Datasheet Search
  English  ▼

X  

AX4147G Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AX4147G
Description  Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AX4147G Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AX4147G Datasheet HTML 2Page - Panasonic Semiconductor AX4147G Datasheet HTML 3Page - Panasonic Semiconductor AX4147G Datasheet HTML 4Page - Panasonic Semiconductor AX4147G Datasheet HTML 5Page - Panasonic Semiconductor AX4147G Datasheet HTML 6Page - Panasonic Semiconductor AX4147G Datasheet HTML 7Page - Panasonic Semiconductor AX4147G Datasheet HTML 8Page - Panasonic Semiconductor AX4147G Datasheet HTML 9Page - Panasonic Semiconductor AX4147G Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AXK7, 8
ACCTB3E 201212-T
EMBOSSED TAPE DIMENSIONS (unit: mm, Common for respective contact type, socket and header)
Dimension table (mm)
Without soldering terminals
Connector orientation with respect to direction of progress of embossed tape
Without soldering terminals
Mated height
Number of pins
Type of taping
A
B
C
D
Quantity per reel
Socket
Header
Common for socket and header:
1.5 mm, 2.0 mm, 2.5 mm and 3.0 mm
Header: 3.5 mm
Max. 18
Max. 18
Tape I
16.0
—
7.5
17.4
3,000
20 to 70
20 to 70
Tape I
24.0
—
11.5
25.4
3,000
80 to 100
80 to 100
Tape II
32.0
28.4
14.2
33.4
3,000
Socket: 3.5 mm
20 to 40
Tape I
24.0
—
11.5
25.4
2,000
• Tape dimensions (Conforming to JIS C 0806-1990.
However, some tapes have mounting hole pitches that do
not comply with the standard.)
Tape I
Tape II
1.75
C
8.0
A±0.3
4
2
1.5
dia.
+0.1
0
1.75
C
8.0
A±0.3
4
2
B
1.5
dia.
+0.1
0
• Plastic reel dimensions (Conforming to EIAJ ET-7200B)
D±1
Top cover tape
Taping reel
Embossed carrier tape
Embossed mounting-hole
Type
Direction of
tape progress
Common for P4
Socket
Header
Note: There is no indication on this product regarding top-bottom or left-right orientation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com