Electronic Components Datasheet Search
  English  ▼

X  

AX4147G Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AX4147G
Description  Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AX4147G Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AX4147G Datasheet HTML 4Page - Panasonic Semiconductor AX4147G Datasheet HTML 5Page - Panasonic Semiconductor AX4147G Datasheet HTML 6Page - Panasonic Semiconductor AX4147G Datasheet HTML 7Page - Panasonic Semiconductor AX4147G Datasheet HTML 8Page - Panasonic Semiconductor AX4147G Datasheet HTML 9Page - Panasonic Semiconductor AX4147G Datasheet HTML 10Page - Panasonic Semiconductor AX4147G Datasheet HTML 11Page - Panasonic Semiconductor AX4147G Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AXK7, 8
ACCTB3E 201212-T
NOTES
1. As shown below, excess force
during insertion may result in damage
to the connector or removal of the
solder. Also, to prevent connector
damage please confirm the correct
position before mating connectors.
2. Keep the PC board warp no more
than 0.03 mm in relation to the overall
length of the connector.
3. Recommended PC board and metal
mask patterns
Connectors are mounted with high pitch
density, intervals of 0.35 mm, 0.4 mm or
0.5 mm.
In order to reduce solder bridges and
other issues make sure the proper levels
of solder is used.
The figures to the right are recommended
metal mask patterns. Please use them as
a reference.
Without soldering terminals
Socket
Recommended PC board pattern (TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: Here, 150 µm
(Opening area ratio: 40%)
Recommended metal mask pattern
Metal mask thickness: Here, 120 µm
(Opening area ratio: 50%)
Header
Recommended PC board pattern (TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: Here, 150 µm
(Opening area ratio: 32%)
Recommended metal mask pattern
Metal mask thickness: Here, 120 µm
(Opening area ratio: 40%)
Max. 0.03 mm
Max. 0.03 mm
0.115±0.05
0.40±0.05
0.40±0.05
0.40±0.05
0.23±0.03
0.10±0.01
0.35±0.01
0.20±0.01
0.40±0.01
0.40±0.01
0.20±0.01
0.10±0.01
0.35±0.01
0.40±0.05
0.40±0.05
0.23±0.03
0.115±0.05
0.40±0.05
0.20±0.01
0.40±0.01
0.10±0.01
0.35±0.01
0.20±0.01
0.40±0.01
0.10±0.01
0.35±0.01
Please refer to the latest product
specifications when designing our
product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com