Electronic Components Datasheet Search
  English  ▼

X  

AX4147G Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AX4147G
Description  Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AX4147G Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AX4147G Datasheet HTML 3Page - Panasonic Semiconductor AX4147G Datasheet HTML 4Page - Panasonic Semiconductor AX4147G Datasheet HTML 5Page - Panasonic Semiconductor AX4147G Datasheet HTML 6Page - Panasonic Semiconductor AX4147G Datasheet HTML 7Page - Panasonic Semiconductor AX4147G Datasheet HTML 8Page - Panasonic Semiconductor AX4147G Datasheet HTML 9Page - Panasonic Semiconductor AX4147G Datasheet HTML 10Page - Panasonic Semiconductor AX4147G Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AXK7, 8
ACCTB3E 201212-T
TABLE OF PRODUCT TYPES
✩: Available for sale
Notes: 1. You can use with each mated height in common.
2. Please inquire about number of pins other than those shown above.
3. Please inquire with us regarding availability.
4. Please keep the minimum order quantities no less than 50 pieces per lot.
5. Please inquire if further information is needed.
PRODUCT TYPES
Notes: 1. When placing an order, substitute the “∗” (asterisk) in the above part number with the number of pins for the specific connecto .
2. The above part numbers are for connectors without positioning bosses, which are standard. When ordering connectors with positioning bosses, please contact our
local sales offic .
For board-to-board For board-to-FPC
P4 Series
Connectors for
inspection usage
(0.4mm pitch)
Product name
Number of pins
14
20
22
24
26
30
34
40
44
50
54
60
64
70
80
100
P4 for inspection
without soldering terminals
✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩✩
✩
Specification
Part No.
Specification
Part No.
Socket
Without soldering
terminals
Without positioning bosses
AXK7E∗∗46G
Header
Without soldering
terminals
Without positioning bosses
AXK8E∗∗46WG
FEATURES
1. 3,000 mating and unmating cycles
2. Same external dimensions and foot
pattern as standard type.
3. Improved mating
Insertion and removal easy due to a
reduction in mating retention force. This
is made possible by a simple locking
structure design.
Note: Mating retention force cannot be
warranted.
APPLICATIONS
Ideal for module unit inspection and
equipment assembly inspection
Socket
Header
RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com