Electronic Components Datasheet Search
  English  ▼

X  

AX4147G Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AX4147G
Description  Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AX4147G Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AX4147G Datasheet HTML 1Page - Panasonic Semiconductor AX4147G Datasheet HTML 2Page - Panasonic Semiconductor AX4147G Datasheet HTML 3Page - Panasonic Semiconductor AX4147G Datasheet HTML 4Page - Panasonic Semiconductor AX4147G Datasheet HTML 5Page - Panasonic Semiconductor AX4147G Datasheet HTML 6Page - Panasonic Semiconductor AX4147G Datasheet HTML 7Page - Panasonic Semiconductor AX4147G Datasheet HTML 8Page - Panasonic Semiconductor AX4147G Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AXK7, 8
ACCTB3E 201212-T
For board-to-board For board-to-FPC
P4 Series
Narrow pitch connectors
(0.4mm pitch)
• Without soldering terminals
FEATURES
1. 0.4 mm pitch and mated heights of
1.5 mm, 2.0 mm, 2.5 mm, 3.0 mm and
3.5 mm.
2. Strong resistance to adverse
environments! Utilizes
“” construction
for high contact reliability.
3. Constructed with impact dispersion
keys inside the body to disperse
shocks when dropped.
A high level of shock resistance is
ensured by dispersing impact over the
four locations where the socket
indentations and header protrusions are
mated together.
Note: The following number of pins are not supported
due to suction surface factors.
• Without soldering terminals:
18 pin contacts or less
4. Construction makes designing
devices easier.
1) The lower connector bottom surface
construction prevents contact and shorts
between the PCB and metal terminals.
This enables freedom in pattern wiring,
helping to make PCB’s smaller.
2) Guides are provided to take up any
position shift and facilitate insertion.
3) Simple lock structure provides tactile
feedback to ensure excellent mating/
unmating operation feel.
5. Design facilitates efficient
mounting.
Features a terminal flatness of 0.08 mm,
construction resistant to creeping flux,
and design that allows visual inspection
of the soldered part.
6. Connectors for inspection available
APPLICATIONS
Mobile devices, such as cellular
phones, digital still cameras and
digital video cameras.
Socket
Header
RoHS compliant
Impact dispersion key
Socket
Header
<Socket>
Connector bottom: Create any thru-hole and pattern wiring.
<Header>
Insertion guide
Socket side
contact
Header side
contact
Simple lock
mechanism


Similar Part No. - AX4147G

ManufacturerPart #DatasheetDescription
logo
FCI connector
AX400-00566 FCI-CONNECTOR-AX400-00566 Datasheet
368Kb / 18P
Report EL-2011-04-020A CR-PE
logo
List of Unclassifed Man...
AX431 ETC-AX431 Datasheet
184Kb / 7P
Adjustable Shunt Regulator
AX431AA ETC-AX431AA Datasheet
184Kb / 7P
Adjustable Shunt Regulator
AX431AM ETC-AX431AM Datasheet
184Kb / 7P
Adjustable Shunt Regulator
AX431AN ETC-AX431AN Datasheet
184Kb / 7P
Adjustable Shunt Regulator
More results

Similar Description - AX4147G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
Narrow pitch connectors (0.8mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
Narrow pitch connectors (0.5mm pitch)
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
Narrow pitch connectors (0.5mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
Narrow pitch connectors (0.4mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
Narrow pitch connectors (0.4mm pitch)
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
Narrow pitch connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com