Electronic Components Datasheet Search
  English  ▼

X  

AD7798 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7798
Description  3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7798 Datasheet(HTML) 1 Page - Analog Devices

  AD7798 Datasheet HTML 1Page - Analog Devices AD7798 Datasheet HTML 2Page - Analog Devices AD7798 Datasheet HTML 3Page - Analog Devices AD7798 Datasheet HTML 4Page - Analog Devices AD7798 Datasheet HTML 5Page - Analog Devices AD7798 Datasheet HTML 6Page - Analog Devices AD7798 Datasheet HTML 7Page - Analog Devices AD7798 Datasheet HTML 8Page - Analog Devices AD7798 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
3-Channel, Low Noise, Low Power,
16-/24-Bit, Σ-Δ ADC with On-Chip In-Amp
Data Sheet
AD7798/AD7799
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RMS noise:
27 nV at 4.17 Hz (AD7799)
65 nV at 16.7 Hz (AD7799)
40 nV at 4.17 Hz (AD7798)
85 nV at 16.7 Hz (AD7798)
Current: 380 µA typical
Power-down: 1 µA maximum
Low noise, programmable gain, instrumentation amp
Update rate: 4.17 Hz to 470 Hz
3 differential inputs
Internal clock oscillator
Simultaneous 50 Hz/60 Hz rejection
Reference detect
Low-side power switch
Programmable digital outputs
Burnout currents
Power supply: 2.7 V to 5.25 V
–40°C to +105°C temperature range
Independent interface power supply
16-lead TSSOP package
INTERFACE
3-wire serial
SPI®, QSPI™, MICROWIRE™, and DSP compatible
Schmitt trigger on SCLK
APPLICATIONS
Weigh scales
Pressure measurement
Strain gauge transducers
Gas analysis
Industrial process control
Instrumentation
Portable instrumentation
Blood analysis
Smart transmitters
Liquid/gas chromotography
6-digit DVM
FUNCTIONAL BLOCK DIAGRAM
DOUT/RDY
DIN
SCLK
CS
DVDD
SERIAL
INTERFACE
AND
CONTROL
LOGIC
Σ-Δ
ADC
AD7798/AD7799
AD7798: 16-BIT
AD7799: 24-BIT
AIN2(+)
AIN2(–)
AIN3(+)/P1
AIN1(+)
AIN1(–)
AIN3(–)/P2
AVDD
GND
MUX
INTERNAL
CLOCK
GND
GND
AVDD
REFIN(–)
PSW
IN-AMP
REFERENCE
DETECT
REFIN(+)
Figure 1.
GENERAL DESCRIPTION
The AD7798/AD7799 are low power, low noise, complete
analog front ends for high precision measurement applications.
The AD7798/AD7799 contains a low noise, 16-/24-bit ∑-∆
ADC with three differential analog inputs. The on-chip, low
noise instrumentation amplifier means that signals of small
amplitude can be interfaced directly to the ADC. With a gain
setting of 64, the rms noise is 27 nV for the AD7799 and 40 nV
for the AD7798 when the update rate equals 4.17 Hz.
On-chip features include a low-side power switch, reference
detect, programmable digital output pins, burnout currents,
and an internal clock oscillator. The output data rate from the
part is software-programmable and can be varied from 4.17 Hz
to 470 Hz.
The part operates with a power supply from 2.7 V to 5.25 V.
The AD7798 consumes a current of 300 µA typical, whereas the
AD7799 consumes 380 µA typical. Both devices are housed in a
16-lead TSSOP package.


Similar Part No. - AD7798

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7798 AD-AD7798 Datasheet
499Kb / 17P
Low Power, 24-Bit/16-Bit Sigma-Delta ADC with In-Amp
7/13-Rev. A to Rev. B
AD7798 AD-AD7798_15 Datasheet
445Kb / 28P
3-Channel, Low Noise, Low Power
REV. B
More results

Similar Description - AD7798

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1555 AD-AD1555 Datasheet
429Kb / 24P
24-Bit ADC WITH LOW NOISE PGA
REV.B
AD7798 AD-AD7798 Datasheet
499Kb / 17P
Low Power, 24-Bit/16-Bit Sigma-Delta ADC with In-Amp
7/13-Rev. A to Rev. B
AD7792 AD-AD7792 Datasheet
241Kb / 18P
Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
Jun-2004
AD7785 AD-AD7785 Datasheet
635Kb / 32P
3-Channel, Low Noise, Low Power, 20-Bit ??? ADC with On-Chip In-Amp and Reference
REV. 0
AD7799BRUZ-REEL AD-AD7799BRUZ-REEL Datasheet
897Kb / 28P
3-Channel, Low Noise, Low Power, 16-/24-Bit, 誇-? ADC with On-Chip In-Amp
REV. A
AD7794 AD-AD7794_07 Datasheet
814Kb / 36P
6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7792 AD-AD7792_07 Datasheet
661Kb / 32P
3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
24-Bit - ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
AD7785 AD-AD7785_17 Datasheet
480Kb / 33P
3-Channel, Low Noise, Low Power ADC with On-Chip In-Amp and Reference
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com