Electronic Components Datasheet Search
  English  ▼

X  

AD7798 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7798
Description  3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7798 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7798 Datasheet HTML 6Page - Analog Devices AD7798 Datasheet HTML 7Page - Analog Devices AD7798 Datasheet HTML 8Page - Analog Devices AD7798 Datasheet HTML 9Page - Analog Devices AD7798 Datasheet HTML 10Page - Analog Devices AD7798 Datasheet HTML 11Page - Analog Devices AD7798 Datasheet HTML 12Page - Analog Devices AD7798 Datasheet HTML 13Page - Analog Devices AD7798 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7798/AD7799
Data Sheet
Rev. B | Page 10 of 28
OUTPUT NOISE AND RESOLUTION SPECIFICATIONS
AD7798
Table 5 shows the AD7798 output rms noise for some update
rates and gain settings. The numbers given are for the bipolar
input range with a 2.5 V reference. These numbers are typical
and are generated with a differential input voltage of 0 V. Table 6
shows the effective resolution, and the output peak-to-peak
resolution is shown in parentheses. It is important to note that
the effective resolution is calculated using the rms noise, whereas
the peak-to-peak resolution is based on the peak-to-peak noise.
The peak-to-peak resolution represents the resolution for which
there is no code flicker. These numbers are typical and are
rounded to the nearest LSB.
Table 5. Output RMS Noise (µV) vs. Gain and Output Update Rate for the AD7798 Using a 2.5 V Reference
Update Rate
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
4.17 Hz
0.64
0.6
0.29
0.22
0.1
0.065
0.039
0.041
8.33 Hz
1.04
0.96
0.38
0.26
0.13
0.078
0.057
0.055
16.7 Hz
1.55
1.45
0.54
0.36
0.18
0.11
0.087
0.086
33.2 Hz
2.3
2.13
0.74
0.5
0.23
0.17
0.124
0.118
62 Hz
2.95
2.85
0.92
0.58
0.29
0.2
0.153
0.144
123 Hz
4.89
4.74
1.49
1
0.48
0.32
0.265
0.283
242 Hz
11.76
9.5
4.02
1.96
0.88
0.45
0.379
0.397
470 Hz
11.33
9.44
3.07
1.79
0.99
0.63
0.568
0.593
Table 6. Typical Resolution (Bits) vs. Gain and Output Update Rate for the AD7798 Using a 2.5 V Reference
Update Rate
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
4.17 Hz
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
8.33 Hz
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16.7 Hz
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
33.2 Hz
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
62 Hz
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (15.5)
123 Hz
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (15.5)
16 (14.5)
242 Hz
16 (16)
16 (15.5)
16 (15.5)
16 (15.5)
16 (16)
16 (16)
16 (15)
16 (14)
470 Hz
16 (16)
16 (15.5)
16 (16)
16 (16)
16 (15.5)
16 (15.5)
16 (14.5)
15.5 (13.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com