Electronic Components Datasheet Search
  English  ▼

X  

AD7798 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7798
Description  3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7798 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7798 Datasheet HTML 11Page - Analog Devices AD7798 Datasheet HTML 12Page - Analog Devices AD7798 Datasheet HTML 13Page - Analog Devices AD7798 Datasheet HTML 14Page - Analog Devices AD7798 Datasheet HTML 15Page - Analog Devices AD7798 Datasheet HTML 16Page - Analog Devices AD7798 Datasheet HTML 17Page - Analog Devices AD7798 Datasheet HTML 18Page - Analog Devices AD7798 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
AD7798/AD7799
Rev. B | Page 15 of 28
Table 13. Operating Modes
MD2
MD1
MD0
Mode
0
0
0
Continuous-Conversion Mode (Default). In continuous-conversion mode, the ADC continuously performs conversions
and places the result in the data register. RDY goes low when a conversion is complete. After power-on, a channel
change, or a write to the mode, configuration, or IO registers, the first conversion is available after a period of 2/fADC,
and subsequent conversions are available at a frequency of fADC.
0
0
1
Single-Conversion Mode. When single-conversion mode is selected, the ADC powers up and performs a single
conversion. The oscillator requires 1 ms to power up and settle. The ADC then performs the conversion, which takes
a time of 2/fADC. The conversion result is placed in the data register, RDY goes low, and the ADC returns to power-
down mode. The conversion remains in the data register and RDY remains active (low) until the data is read or
another conversion is performed.
0
1
0
Idle Mode. In idle mode, the ADC filter and modulator are held in a reset state, although the modulator clocks are
still provided.
0
1
1
Power-Down Mode. In this mode, all AD7798/AD7799 circuitry is powered down, including the burnout currents.
1
0
0
Internal Zero-Scale Calibration. An internal short is automatically connected to the enabled channel. A calibration
takes two conversion cycles to complete. RDY goes high when the calibration is initiated and returns low when the
calibration is complete. The ADC is placed in idle mode following a calibration. The measured offset coefficient is
placed in the offset register of the selected channel.
1
0
1
Internal Full-Scale Calibration. A full-scale input voltage is automatically connected to the selected analog input for
this calibration. When the gain equals 1, a calibration takes two conversion cycles to complete. For higher gains, four
conversion cycles are required to perform the full-scale calibration. RDY goes high when the calibration is initiated
and returns low when the calibration is complete. The ADC is placed in idle mode following a calibration. The
measured full-scale coefficient is placed in the full-scale register of the selected channel. Internal full-scale
calibrations cannot be performed when the gain equals 128. The ADC is factory-calibrated at a gain of 128 and this
factory-generated value is placed in the full-scale register on power up and when the gain is set to 128. With this
gain setting, a system full-scale calibration can be performed. To minimize the full-scale error, a full-scale calibration
is required each time the gain of a channel is changed.
1
1
0
System Zero-Scale Calibration. Users should connect the system zero-scale input to the channel input pins as
selected by the CH2 to CH0 bits. A system offset calibration takes two conversion cycles to complete. RDY goes high
when the calibration is initiated and returns low when the calibration is complete. The ADC is placed in idle mode
following a calibration. The measured offset coefficient is placed in the offset register of the selected channel. A
zero-scale calibration is required each time the gain of a channel is changed.
1
1
1
System Full-Scale Calibration. Users should connect the system full-scale input to the channel input pins, as selected
by the CH2 to CH0 bits. A calibration takes two conversion cycles to complete. RDY goes high when the calibration
is initiated and returns low when the calibration is complete. The ADC is placed in idle mode following a calibration.
The measured full-scale coefficient is placed in the full-scale register of the selected channel. A full-scale calibration
is required each time the gain of a channel is changed.
Table 14. Update Rates Available
FS3
FS2
FS1
FS0
fADC (Hz)
tSETTLE (ms)
Rejection @ 50 Hz/60 Hz
0
0
0
0
Reserved
0
0
0
1
470
4
0
0
1
0
242
8
0
0
1
1
123
16
0
1
0
0
62
32
0
1
0
1
50
40
0
1
1
0
39
48
0
1
1
1
33.2
60
1
0
0
0
19.6
101
90 dB (60 Hz only)
1
0
0
1
16.7
120
80 dB (50 Hz only)
1
0
1
0
16.7
120
65 dB
1
0
1
1
12.5
160
66 dB
1
1
0
0
10
200
69 dB
1
1
0
1
8.33
240
70 dB
1
1
1
0
6.25
320
72 dB
1
1
1
1
4.17
480
74 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com