Electronic Components Datasheet Search
  English  ▼

X  

AD7798 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7798
Description  3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7798 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7798 Datasheet HTML 20Page - Analog Devices AD7798 Datasheet HTML 21Page - Analog Devices AD7798 Datasheet HTML 22Page - Analog Devices AD7798 Datasheet HTML 23Page - Analog Devices AD7798 Datasheet HTML 24Page - Analog Devices AD7798 Datasheet HTML 25Page - Analog Devices AD7798 Datasheet HTML 26Page - Analog Devices AD7798 Datasheet HTML 27Page - Analog Devices AD7798 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD7798/AD7799
Data Sheet
Rev. B | Page 24 of 28
AVDD MONITOR
Along with converting external voltages, the ADC can be used
to monitor the voltage on the AVDD pin. When Bits CH2 to CH0
equal 1, the voltage on the AVDD pin is internally attenuated by 6,
and the resulting voltage is applied to the ∑-∆ modulator using
an internal 1.17 V reference for analog-to-digital conversion.
This is useful because variations in the power supply voltage
can be monitored.
CALIBRATION
The AD7798/AD7799 provide four calibration modes that can
be programmed via the mode bits in the mode register. These
are internal zero-scale calibration, internal full-scale calibration,
system zero-scale calibration, and system full-scale calibration,
which effectively reduce the offset error and full-scale error to
the order of the noise. After each conversion, the ADC con-
version result is scaled using the ADC calibration registers
before being written to the data register. The offset calibration
coefficient is subtracted from the result prior to multiplication
by the full-scale coefficient.
To start a calibration, write the relevant value to the MD2 to
MD0 bits in the mode register. After the calibration is complete,
the contents of the corresponding calibration registers are
updated, the RDY bit in the status register is set, the DOUT/
RDY pin goes low (if CS is low), and the AD7798/AD7799
revert to idle mode.
During an internal zero-scale or full-scale calibration, the
respective zero-scale and full-scale input are automatically
connected internally to the ADC input pins. A system calibration,
however, expects the system zero-scale and system full-scale
voltages to be applied to the ADC pins before the calibration
mode is initiated. In this way, external ADC errors are removed.
From an operational point of view, a calibration should be
treated like an ADC conversion. A zero-scale calibration (if
required) should always be performed before a full-scale
calibration. System software should monitor the RDY bit in the
status register or the DOUT/RDY pin to determine the end of
calibration via a polling sequence or an interrupt-driven routine.
Both an internal offset calibration and system offset calibration
take two conversion cycles. An internal offset calibration is not
needed because the ADC itself removes the offset continuously.
To perform an internal full-scale calibration, a full-scale input
voltage is automatically connected to the selected analog input
for this calibration. When the gain equals 1, a calibration takes
two conversion cycles to complete. For higher gains, four
conversion cycles are required to perform the full-scale
calibration. DOUT/RDY goes high when the calibration is
initiated and returns low when the calibration is complete. The
ADC is placed in idle mode following a calibration. The measured
full-scale coefficient is placed in the full-scale register of the
selected channel. Internal full-scale calibrations cannot be
performed when the gain equals 128. A factory calibration
is performed at this gain setting, and the factory value is
automatically loaded into the full-scale register when the gain is
set to 128. With this gain setting, a system full-scale calibration
can be performed. A full-scale calibration is required each time
the gain of a channel is changed to minimize the full-scale error.
An internal full-scale calibration can only be performed at
specified update rates. For gains of 1, 2, and 4, an internal full-
scale calibration can be performed at any update rate. However,
for higher gains, internal full-scale calibrations must be performed
when the update rate is less than or equal to 16.7 Hz, 33.2 Hz,
or 50 Hz. Because the full-scale error does not vary with the
update rate, a calibration at one update rate is valid for all update
rates (assuming the gain or reference source is not changed).
A system full-scale calibration takes two conversion cycles to
complete, irrespective of the gain setting. A system full-scale
calibration can be performed at all gains and update rates. If
system offset calibrations are performed along with system full-
scale calibrations, the offset calibration should be performed
before the system full-scale calibration is initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com