Electronic Components Datasheet Search
  English  ▼

X  

AD7798 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7798
Description  3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7798 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7798 Datasheet HTML 20Page - Analog Devices AD7798 Datasheet HTML 21Page - Analog Devices AD7798 Datasheet HTML 22Page - Analog Devices AD7798 Datasheet HTML 23Page - Analog Devices AD7798 Datasheet HTML 24Page - Analog Devices AD7798 Datasheet HTML 25Page - Analog Devices AD7798 Datasheet HTML 26Page - Analog Devices AD7798 Datasheet HTML 27Page - Analog Devices AD7798 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
AD7798/AD7799
Rev. B | Page 25 of 28
GROUNDING AND LAYOUT
Because the analog inputs and reference inputs of the ADC are
differential, most of the voltages in the analog modulator are
common-mode voltages. The excellent common-mode reject-
ion of the parts removes common-mode noise on these inputs.
The digital filter provides rejection of broadband noise on the
power supply, except at integer multiples of the modulator
sampling frequency. The digital filter also removes noise from
the analog and reference inputs, provided that these noise
sources do not saturate the analog modulator. As a result, the
AD7798/AD7799 are more immune to noise interference than
conventional high resolution converters. However, because the
resolution of the AD7798/AD7799 is so high and the noise
levels from the AD7798/AD7799 are so low, care must be taken
with regard to grounding and layout.
The printed circuit board that houses the AD7798/AD7799
should be designed such that the analog and digital sections are
separated and confined to certain areas of the board. A mini-
mum etch technique is generally best for ground planes because
it provides the best shielding.
It is recommended that the GND pin be tied to the AGND plane
of the system. In any layout, it is important that the user keep in
mind the flow of currents in the system, ensuring that the return
paths for all currents are as close as possible to the paths the
currents took to reach their destinations. Avoid forcing digital
currents to flow through the AGND sections of the layout.
The ground planes should be allowed to run under the AD7798/
AD7799 to prevent noise coupling. The power supply lines to
the AD7798/AD7799 should use as wide a trace as possible to
provide low impedance paths and reduce the effects of glitches
on the power supply line. Fast switching signals, such as clock
signals, should be shielded with digital ground to avoid
radiating noise to other sections of the board, and clock signals
should never be run near the analog inputs.
Avoid crossover of digital and analog signals. Traces on
opposite sides of the board should run at right angles to each
other. This reduces the effects of feedthrough through the
board. A microstrip technique works best, but it is not always
possible to use this method with a double-sided board. In this
technique, the component side of the board is dedicated to
ground planes, and signals are placed on the solder side.
Good decoupling is important when using high resolution
ADCs. AVDD should be decoupled with 10 µF tantalum in
parallel with 0.1 µF capacitors to GND. DVDD should be
decoupled with 10 µF tantalum in parallel with 0.1 µF
capacitors to the system’s DGND plane, with the system’s
AGND-to-DGND connection being close to the AD7798/
AD7799. To achieve the best from these decoupling components,
they should be placed as close as possible to the device, ideally
right up against the device. All logic chips should be decoupled
with 0.1 µF ceramic capacitors to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com