Electronic Components Datasheet Search
  English  ▼

X  

AD5791 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5791
Description  True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5791 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5791 Datasheet HTML 6Page - Analog Devices AD5791 Datasheet HTML 7Page - Analog Devices AD5791 Datasheet HTML 8Page - Analog Devices AD5791 Datasheet HTML 9Page - Analog Devices AD5791 Datasheet HTML 10Page - Analog Devices AD5791 Datasheet HTML 11Page - Analog Devices AD5791 Datasheet HTML 12Page - Analog Devices AD5791 Datasheet HTML 13Page - Analog Devices AD5791 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5781
Data Sheet
Rev. D | Page 10 of 28
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
50000
100000
150000
200000
250000
DAC CODE
TA = +125°C
TA = +25°C
TA = –40°C
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
VREFP = +5V
VREFN = 0V
VDD = +15V
VSS = –15V
Figure 11. Differential Nonlinearity Error vs. DAC Code, +5 V Span
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
50000
100000
150000
200000
250000
DAC CODE
TA = +25°C
TA = –40°C
TA = +125°C
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
VREFP = +10V
VREFN = 0V
VDD = +15V
VSS = –15V
Figure 12. Differential Nonlinearity Error vs. DAC Code, ±10 V Span,
X2 Gain Mode
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
±10V SPAN MAX INL
+5V SPAN MAX INL
+10V SPAN MIN INL
+10V SPAN MAX INL
±10V SPAN MIN INL
+5V SPAN MIN INL
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
VDD = +15V
VSS = –15V
Figure 13. Integral Nonlinearity Error vs. Temperature
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
±10V SPAN MAX DNL
+5V SPAN MAX DNL
+10V SPAN MIN DNL
+10V SPAN MAX DNL
±10V SPAN MIN DNL
+5V SPAN MIN DNL
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
VDD = +15V
VSS = –15V
Figure 14. Differential Nonlinearity Error vs. Temperature
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
VDD/|VSS| (V)
TA = 25°C
VREFP = +10V
VREFN = –10V
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
INL MAX
INL MIN
Figure 15. Integral Nonlinearity Error vs. Supply Voltage, ±10 V Span
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
7.5
8.5
9.5
10.5
11.5
12.5
13.5
14.5
15.5
16.5
VDD (V)
–2.5
–3.9
–5.3
–6.7
–9.1
–10.5 –12.9 –14.2 –15.5 –16.5
VSS (V)
TA = 25°C
VREFP = +5V
VREFN = 0V
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
INL MAX
INL MIN
Figure 16. Integral Nonlinearity Error vs. Supply Voltage, +5 V Span



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com