Electronic Components Datasheet Search
  English  ▼

X  

AD5791 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5791
Description  True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5791 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5791 Datasheet HTML 10Page - Analog Devices AD5791 Datasheet HTML 11Page - Analog Devices AD5791 Datasheet HTML 12Page - Analog Devices AD5791 Datasheet HTML 13Page - Analog Devices AD5791 Datasheet HTML 14Page - Analog Devices AD5791 Datasheet HTML 15Page - Analog Devices AD5791 Datasheet HTML 16Page - Analog Devices AD5791 Datasheet HTML 17Page - Analog Devices AD5791 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD5781
Data Sheet
Rev. D | Page 14 of 28
1.2
1.0
0.8
0.6
0.4
0
0.2
–0.2
–0.4
–0.6
–0.8
–1.0
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
VDD = +15V
VSS = –15V
VREFP = +10V
VREFN = –15V
±10V SPAN
+10V SPAN
±5V SPAN
Figure 35. Zero-Scale Error vs. Temperature
4
3
2
1
0
–1
–2
–3
–4
–5
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
±10V SPAN
+10V SPAN
+5V SPAN
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
VDD = +15V
VSS = –15V
VREFP = +10V
VREFN = –15V
Figure 36. Gain Error vs. Temperature
900
800
700
600
500
400
300
200
100
0
0
1
TA = 25°C
2
3
4
5
6
LOGIC INPUT VOLTAGE (V)
IOVCC = 5V, LOGIC VOLTAGE
INCREASING
IOVCC = 5V, LOGIC VOLTAGE
DECREASING
IOVCC = 3V, LOGIC VOLTAGE
INCREASING
IOVCC = 3V, LOGIC VOLTAGE
DECREASING
Figure 37. IOICC vs. Logic Input Voltage
5
4
3
2
1
0
–1
–2
–3
–4
–5
–20
–15
–10
–5
0
5
10
15
20
VDD, VSS (V)
TA = 25°C
IDD
ISS
Figure 38. Power Supply Currents vs. Power Supply Voltages
CH3 5V
CH4 5V
200ns
3
4
VDD = +15V
VSS = –15V
VREFP = +10V
VREFN = –10V
AD8676 REFERENCE BUFFERS
OUTPUT UNBUFFERED
LOAD = 10MΩ||20pF
Figure 39. Rising Full-Scale Voltage Step
CH3 5V
CH4 5V
200ns
3
4
VDD = +15V
VSS = –15V
VREFP = +10V
VREFN = –10V
AD8676 REFERENCE BUFFERS
OUTPUT UNBUFFERED
LOAD = 10MΩ||20pF
Figure 40. Falling Full-Scale Voltage Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com