Electronic Components Datasheet Search
  English  ▼

X  

AD5791 Datasheet(PDF) 27 Page - Analog Devices

Part # AD5791
Description  True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5791 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5791 Datasheet HTML 20Page - Analog Devices AD5791 Datasheet HTML 21Page - Analog Devices AD5791 Datasheet HTML 22Page - Analog Devices AD5791 Datasheet HTML 23Page - Analog Devices AD5791 Datasheet HTML 24Page - Analog Devices AD5791 Datasheet HTML 25Page - Analog Devices AD5791 Datasheet HTML 26Page - Analog Devices AD5791 Datasheet HTML 27Page - Analog Devices AD5791 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
AD5781
Rev. D | Page 27 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-153-AC
20
1
11
10
6.40 BSC
4.50
4.40
4.30
PIN 1
6.60
6.50
6.40
SEATING
PLANE
0.15
0.05
0.30
0.19
0.65
BSC
1.20 MAX
0.20
0.09
0.75
0.60
0.45
8°
0°
COPLANARITY
0.10
Figure 54. 20-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-20)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
INL
Package Description
Package Option
AD5781BRUZ
−40°C to +125°C
±0.5 LSB
20-Lead TSSOP
RU-20
AD5781BRUZ-REEL7
−40°C to +125°C
±0.5 LSB
20-Lead TSSOP
RU-20
AD5781ARUZ
−40°C to +125°C
±4 LSB
20-Lead TSSOP
RU-20
AD5781ARUZ-REEL7
−40°C to +125°C
±4 LSB
20-Lead TSSOP
RU-20
EVAL-AD5781SDZ
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com