Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 140 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 140 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 136Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 137Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 138Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 139Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 140Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 141Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 142Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 143Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 144Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
140
Freescale Semiconductor
Electrical Characteristics
4.7.19.2
USB PHY Additional Electrical Parameters
Table 102 lists the parameters for additional electrical characteristics for USB PHY.
4.7.19.3
USB PHY System Clocking (SYSCLK)
Table 103 lists the USB PHY system clocking parameters.
Table 101. USB PHY AC Timing Parameters
Parameter
Conditions
Min
Typ
Max
Unit
trise
1.5 Mbps
12 Mbps
480 Mbps
75
4
0.5
—
300
20
ns
tfall
1.5 Mbps
12 Mbps
480 Mbps
75
4
0.5
—
300
20
ns
Jitter
1.5 Mbps
12 Mbps
480 Mbps
——
10
1
0.2
ns
Table 102. Additional Electrical Characteristics for USB PHY
Parameter
Conditions
Min
Typ
Max
Unit
Vcm DC
(dc level measured at receiver connector)
HS Mode
LS/FS Mode
-0.05
0.8
—0.5
2.5
V
Crossover Voltage
LS Mode
FS Mode
1.3
1.3
—2
2
V
Power supply ripple noise
(analog 3.3 V)
< 160 MHz
-50
0
50
mV
Power supply ripple noise
(analog 2.5 V)
<1.2 MHz
>1.2 MHz
-10
-50
0
0
10
50
mV
Power supply ripple noise
(Digital 1.2 V)
All conditions
-50
0
50
mV
Table 103. USB PHY System Clocking Parameters
Parameter
Conditions
Min
Typ
Max
Unit
Clock deviation
Reference Clock
frequency 24 MHz
-150
—
150
ppm
Rise/fall time
—
—
—
200
ps
Jitter (peak-peak)
< 1.2 MHz
0
—
50
ps
Jitter (peak-peak)
> 1.2 MHz
0
—
100
ps
Duty-cycle
Reference Clock
frequency 24 MHz
40
—
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com