Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 142 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 142 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 138Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 139Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 140Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 141Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 142Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 143Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 144Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 145Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 146Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
142
Freescale Semiconductor
Boot Mode Configuration
5
Boot Mode Configuration
This section provides information on boot mode configuration pins allocation and boot devices interfaces
allocation.
5.1
Boot Mode Configuration Pins
Table 108 provides boot options, functionality, fuse values, and associated pins. Several input pins are also
sampled at reset and can be used to override fuse values, depending on the value of BT_FUSE_SEL fuse.
The boot option pins are in effect when BT_FUSE_SEL fuse is ‘0’ (cleared, which is the case for an
unblown fuse). For detailed boot mode options configured by the boot mode pins, see i.MX53 Fuse Map
document and Boot chapter in i.MX53 reference manual.
Table 107. LDO Voltage Regulators Electrical Specifications
Parameter
Symbol
Min
Typ
Max
Units
VDD_DIG_PLL functional Voltage
Range1
1
VDD_DIG_PLL and VDD_ANA_PLL voltages are programmable, but should not be set outside the target functional range
for proper PLL operation.
VVID_DIG_PLL
1.15
1.2
1.3
V
VDD_ANA_PLL functional Voltage
Range1
VVDD_ANA_PLL
1.7
1.8
1.95
V
VDD_DIG_PLL and VDD_ANA_PLL
accuracy
——
—
±3
%
VDD_DIG_PLL power-supply rejection
ratio2
2 The gain or attenuation from the input supply variation to the output of the LDO (by design).
——
-18
—
dB
VDD_ANA_PLL power-supply rejection
ratio2
——
-15
—
dB
Output current3
3 The limitation is for sum of the VDD_DIG_PLL and VDD_ANA_PLL current.
IVID_DIG_PLL+
IVDD_ANA_PLL
——
125
mA
Table 108. Fuses and Associated Pins Used for Boot
Pin
Direction at
Reset
eFUSE Name
Details
BOOT_MODE[1]
Input
N/A
Boot Mode selection
BOOT_MODE[0]
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com