Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 137Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 138Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 139Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 140Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 141Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 142Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 143Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 144Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 173 page
background image
Electrical Characteristics
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
141
4.7.19.4
USB PHY Voltage Thresholds
Table 104 lists the USB PHY voltage thresholds.
4.7.19.5
USB PHY Termination
USB driver impedance in FS and HS modes is 45
Ω ±10% (steady state). No external resistors required.
4.8
XTAL Electrical Specifications
Table 105 shows the XTALOSC electrical specifications.
Table 106 shows the XTALOSC_32K electrical specifications.
4.9
Integrated LDO Voltage Regulators Parameters
The PLL supplies VDD_DIG_PLL and VDD_ANA_PLL can be powered ON from internal LDO voltage
regulator (default case). In this case VDD_REG is used as internal regulator’s power source. The
regulator’s output can be used as a supply for other domains such as VDDA and VDDAL1.
Table 107 shows the VDD_DIG_PLL and VDD_ANA_PLL Integrated Voltage Regulators Parameters.
Table 104.
VBUS Comparators Thresholds
Parameter
Conditions
Min
Typ
Max
Unit
A-Device Session Valid
—
0.8
1.4
2.0
V
B-Device Session Valid
—
0.8
1.4
4.0
V
B-Device Session End
—
0.2
0.45
0.8
V
VBUS Valid Comparator Threshold1
1 For VBUS maximum rating, see Table 4 on page 16
—4.4
4.6
4.75
V
Table 105. XTALOSC Electrical Specifications
Parameter
Min
Typ
Max
Units
Frequency
22
24
27
MHz
Table 106. XTALOSC_32K Electrical Specifications
Parameter
Min
Typ
Max
Units
Frequency
—
32.768/32.01
1 Recommended nominal frequency 32.768 kHz.
—kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com