Electronic Components Datasheet Search
  English  ▼

X  

OP491 Datasheet(PDF) 52 Page - Analog Devices

Part # OP491
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491 Datasheet(HTML) 52 Page - Analog Devices

Back Button OP491 Datasheet HTML 48Page - Analog Devices OP491 Datasheet HTML 49Page - Analog Devices OP491 Datasheet HTML 50Page - Analog Devices OP491 Datasheet HTML 51Page - Analog Devices OP491 Datasheet HTML 52Page - Analog Devices OP491 Datasheet HTML 53Page - Analog Devices OP491 Datasheet HTML 54Page - Analog Devices OP491 Datasheet HTML 55Page - Analog Devices OP491 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 52 of 88
POWER SUPPLY MONITOR
As its name suggests, the power supply monitor, once enabled,
monitors the DVDD supply on the ADuC841/ADuC842/
ADuC843. It indicates when any of the supply pins drops below
one of two user selectable voltage trip points, 2.93 V and 3.08 V.
For correct operation of the power supply monitor function,
AVDD must be equal to or greater than 2.7 V. Monitor function is
controlled via the PSMCON SFR. If enabled via the IEIP2 SFR,
the monitor interrupts the core using the PSMI bit in the
PSMCON SFR. This bit is not cleared until the failing power
supply has returned above the trip point for at least 250 ms.
This monitor function allows the user to save working registers
to avoid possible data loss due to the low supply condition, and
also ensures that normal code execution does not resume until a
safe supply level has been well established. The supply monitor
is also protected against spurious glitches triggering the
interrupt circuit.
Note that the 5 V part has an internal POR trip level of 4.5 V,
which means that there are no usable PSM levels on the 5 V
part. The 3 V part has a POR trip level of 2.45 V, allowing all
PSM trip points to be used.
PSMCON
Power Supply Monitor
Control Register
SFR Address
DFH
Power-On Default
DEH
Bit Addressable
No
Table 22. PSMCON SFR Bit Designations
Bit No.
Name
Description
7
----
Reserved.
6
CMPD
DVDD Comparator Bit.
This is a read-only bit that directly reflects the state of the DVDD comparator.
Read 1 indicates that the DVDD supply is above its selected trip point.
Read 0 indicates that the DVDD supply is below its selected trip point.
5
PSMI
Power Supply Monitor Interrupt Bit.
This bit is set high by the MicroConverter if either CMPA or CMPD is low, indicating low analog or digital supply. The
PSMI bit can be used to interrupt the processor. Once CMPD and/or CMPA return (and remain) high, a 250 ms
counter is started. When this counter times out, the PSMI interrupt is cleared. PSMI can also be written by the user.
However, if either comparator output is low, it is not possible for the user to clear PSMI.
4
TPD1
DVDD Trip Point Selection Bits.
These bits select the DVDD trip point voltage as follows:
TPD1
TPD0
Selected DVDD Trip Point (V)
0
0
Reserved
0
1
3.08
1
0
2.93
3
TPD0
1
1
Reserved
2
----
Reserved.
1
----
Reserved.
0
PSMEN
Power Supply Monitor Enable Bit.
Set to 1 by the user to enable the power supply monitor circuit.
Cleared to 0 by the user to disable the power supply monitor circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com