Electronic Components Datasheet Search
  English  ▼

X  

OP491 Datasheet(PDF) 70 Page - Analog Devices

Part # OP491
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491 Datasheet(HTML) 70 Page - Analog Devices

Back Button OP491 Datasheet HTML 66Page - Analog Devices OP491 Datasheet HTML 67Page - Analog Devices OP491 Datasheet HTML 68Page - Analog Devices OP491 Datasheet HTML 69Page - Analog Devices OP491 Datasheet HTML 70Page - Analog Devices OP491 Datasheet HTML 71Page - Analog Devices OP491 Datasheet HTML 72Page - Analog Devices OP491 Datasheet HTML 73Page - Analog Devices OP491 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 70 of 88
INTERRUPT SYSTEM
The ADuC841/ADuC842/ADuC843 provide a total of nine
interrupt sources with two priority levels. The control and
configuration of the interrupt system is carried out through
three interrupt-related SFRs:
IE
Interrupt Enable Register
IP
Interrupt Priority Register
IEIP2
Secondary Interrupt Enable Register
IE
Interrupt Enable Register
SFR Address
A8H
Power-On Default
00H
Bit Addressable
Yes
Table 35. IE SFR Bit Designations
Bit No.
Name
Description
7
EA
Set by the user to enable, or cleared to disable all interrupt sources.
6
EADC
Set by the user to enable, or cleared to disable ADC interrupts.
5
ET2
Set by the user to enable, or cleared to disable Timer 2 interrupts.
4
ES
Set by the user to enable, or cleared to disable UART serial port interrupts.
3
ET1
Set by the user to enable, or cleared to disable 0 Timer 1 interrupts.
2
EX1
Set by the user to enable, or cleared to disable External Interrupt 1.
1
ET0
Set by the user to enable, or cleared to disable Timer 0 interrupts.
0
EX0
Set by the user to enable, or cleared to disable External Interrupt 0 .
IP
Interrupt Priority Register
SFR Address
B8H
Power-On Default
00H
Bit Addressable
Yes
Table 36. IP SFR Bit Designations
Bit No.
Name
Description
7
----
Reserved.
6
PADC
Written by the user to select the ADC interrupt priority (1 = High; 0 = Low).
5
PT2
Written by the user to select the Timer 2 interrupt priority (1 = High; 0 = Low).
4
PS
Written by the user to select the UART serial port interrupt priority (1 = High; 0 = Low).
3
PT1
Written by the user to select the Timer 1 interrupt priority (1 = High; 0 = Low).
2
PX1
Written by the user to select External Interrupt 1 priority (1 = High; 0 = Low).
1
PT0
Written by the user to select the Timer 0 interrupt priority (1 = High; 0 = Low).
0
PX0
Written by the user to select External Interrupt 0 priority (1 = High; 0 = Low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com