Electronic Components Datasheet Search
  English  ▼

X  

OP491 Datasheet(PDF) 35 Page - Analog Devices

Part # OP491
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491 Datasheet(HTML) 35 Page - Analog Devices

Back Button OP491 Datasheet HTML 31Page - Analog Devices OP491 Datasheet HTML 32Page - Analog Devices OP491 Datasheet HTML 33Page - Analog Devices OP491 Datasheet HTML 34Page - Analog Devices OP491 Datasheet HTML 35Page - Analog Devices OP491 Datasheet HTML 36Page - Analog Devices OP491 Datasheet HTML 37Page - Analog Devices OP491 Datasheet HTML 38Page - Analog Devices OP491 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 35 of 88
Example: Programming the Flash/EE Data Memory
A user wants to program F3H into the second byte on Page 03H
of the Flash/EE data memory space while preserving the other
3 bytes already in this page. A typical program of the Flash/EE
data array involves
1.
Setting EADRH/L with the page address.
2.
Writing the data to be programmed to the EDATA1–4.
3.
Writing the ECON SFR with the appropriate command.
Step 1: Set Up the Page Address
Address registers EADRH and EADRL hold the high byte
address and the low byte address of the page to be addressed.
The assembly language to set up the address may appear as
MOV EADRH,#0
; Set Page Address Pointer
MOV EADRL,#03H
Step 2: Set Up the EDATA Registers
Write the four values to be written into the page into the four
SFRs, EDATA1–4. Unfortunately, the user does not know three
of them. Thus, the user must read the current page and over-
write the second byte.
MOV ECON,#1
; Read Page into EDATA1-4
MOV EDATA2,#0F3H
; Overwrite byte 2
Step 3: Program Page
A byte in the Flash/EE array can be programmed only if it has
previously been erased. To be more specific, a byte can be
programmed only if it already holds the value FFH. Because of
the Flash/EE architecture, this erase must happen at a page level;
therefore, a minimum of 4 bytes (1 page) are erased when an
erase command is initiated. Once the page is erase, the user can
program the 4 bytes in-page and then perform a verification of
the data.
MOV ECON,#5
; ERASE Page
MOV ECON,#2
; WRITE Page
MOV ECON,#4
; VERIFY Page
MOV A,ECON
; Check if ECON=0 (OK!)
JNZ ERROR
Although the 4 kBytes of Flash/EE data memory are shipped
from the factory pre-erased, i.e., byte locations set to FFH, it is
nonetheless good programming practice to include an
ERASEALL routine as part of any configuration/setup code
running on the parts. An ERASEALL command consists of
writing 06H to the ECON SFR, which initiates an erase of the
4-kByte Flash/EE array. This command coded in 8051 assembly
would appear as
MOV ECON,#06H
; Erase all Command
; 2 ms Duration
Flash/EE Memory Timing
Typical program and erase times for the parts are as follows:
Normal Mode (operating on Flash/EE data memory)
READPAGE (4 bytes)
22 machine cycles
WRITEPAGE (4 bytes)
380 µs
VERIFYPAGE (4 bytes)
22 machine cycles
ERASEPAGE (4 bytes)
2 ms
ERASEALL (4 kBytes)
2 ms
READBYTE (1 byte)
9 machine cycles
WRITEBYTE (1 byte)
200 µs
ULOAD Mode (operating on Flash/EE program memory)
WRITEPAGE (256 bytes)
16.5 ms
ERASEPAGE (64 bytes)
2 ms
ERASEALL (56 kBytes)
2 ms
WRITEBYTE (1 byte)
200 µs
Note that a given mode of operation is initiated as soon as the
command word is written to the ECON SFR. The core micro-
controller operation on the parts is idled until the requested
program/read or erase mode is completed. In practice, this
means that even though the Flash/EE memory mode of operation
is typically initiated with a two machine cycle MOV instruction
(to write to the ECON SFR), the next instruction is not executed
until the Flash/EE operation is complete. This means that the
core cannot respond to interrupt requests until the Flash/EE
operation is complete, although the core peripheral functions
like counter/timers continue to count and time as configured
throughout this period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com