Electronic Components Datasheet Search
  English  ▼

X  

OP491 Datasheet(PDF) 15 Page - Analog Devices

Part # OP491
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491 Datasheet(HTML) 15 Page - Analog Devices

Back Button OP491 Datasheet HTML 11Page - Analog Devices OP491 Datasheet HTML 12Page - Analog Devices OP491 Datasheet HTML 13Page - Analog Devices OP491 Datasheet HTML 14Page - Analog Devices OP491 Datasheet HTML 15Page - Analog Devices OP491 Datasheet HTML 16Page - Analog Devices OP491 Datasheet HTML 17Page - Analog Devices OP491 Datasheet HTML 18Page - Analog Devices OP491 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 15 of 88
EXTERNAL REFERENCE (V)
50
0.5
1.0
2.0
2.5
5.0
55
1.5
60
65
70
75
80
–100
–95
–90
–85
–80
–75
–70
AVDD /DVDD = 5V
fS = 152kHz
SNR
THD
Figure 19. Typical Dynamic Performance vs. VREF, VDD = 5 V
EXTERNAL REFERENCE (V)
80
75
65
50
70
55
AVDD/DVDD = 3V
f
S = 152kHz
0.5
1.5
2.5
SNR
THD
60
–70
–75
–85
–100
–80
–95
–90
1.0
2.0
3.0
Figure 20. Typical Dynamic Performance vs. VREF, VDD = 3 V
FREQUENCY (kHz)
64
66
68
70
72
76
80
78
74
62
60
AVDD /DVDD = 5V
Figure 21. Typical Dynamic Performance vs. Sampling Frequency
TEMPERATURE (
°C)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
–40
25
85
AVDD/DVDD = 3V
SLOPE = –1.4mV/
°C
Figure 22. Typical Temperature Sensor Output vs. Temperature
GENERAL DESCRIPTION (continued)
The parts also incorporate additional analog functionality with
two 12-bit DACs, power supply monitor, and a band gap
reference. On-chip digital peripherals include two 16-bit ∑-∆.
DACs, a dual output 16-bit PWM, a watchdog timer, a time
interval counter, three timers/counters, and three serial I/O
ports (SPI, I2C, and UART).
On the ADuC812 and the ADuC832, the I2C and SPI interfaces
share some of the same pins. For backwards compatibility, this
is also the case for the ADuC841/ADuC842/ADuC843.
However, there is also the option to allow SPI operate separately
on P3.3, P3.4, and P3.5, while I2C uses the standard pins. The
I2C interface has also been enhanced to offer repeated start,
general call, and quad addressing.
On-chip factory firmware supports in-circuit serial download
and debug modes (via UART) as well as single-pin emulation
mode via the EA pin. A functional block diagram of the parts is
shown on the first page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com