Electronic Components Datasheet Search
  English  ▼

X  

OP491 Datasheet(PDF) 8 Page - Analog Devices

Part # OP491
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP491 Datasheet HTML 4Page - Analog Devices OP491 Datasheet HTML 5Page - Analog Devices OP491 Datasheet HTML 6Page - Analog Devices OP491 Datasheet HTML 7Page - Analog Devices OP491 Datasheet HTML 8Page - Analog Devices OP491 Datasheet HTML 9Page - Analog Devices OP491 Datasheet HTML 10Page - Analog Devices OP491 Datasheet HTML 11Page - Analog Devices OP491 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 8 of 88
ABSOLUTE MAXIMUM RATINGS
Table 2. TA = 25°C, unless otherwise noted
Parameter
Rating
AVDD to DVDD
–0.3 V to +0.3 V
AGND to DGND
–0.3 V to +0.3 V
DVDD to DGND, AVDD to AGND
–0.3 V to +7 V
Digital Input Voltage to DGND
–0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND
–0.3 V to DVDD + 0.3 V
VREF to AGND
–0.3 V to AVDD + 0.3 V
Analog Inputs to AGND
–0.3 V to AVDD + 0.3 V
Operating Temperature Range,
Industrial
ADuC841BS,ADuC842BS,ADuC843BS
ADuC841BCP, ADuC842BCP,
ADuC843BCP
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance (ADuC84xBS)
90°C/W
θJA Thermal Impedance (ADuC84xBCP)
52°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
Infrared (15 sec)
215°C
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
WATCHDOG
TIMER
256 BYTES USER
RAM
POWER SUPPLY
MONITOR
TEMP
SENSOR
BAND GAP
REFERENCE
POR
ADuC841/ADuC842/ADuC843
ADC
CONTROL
AND
CALIBRATION
DAC1
DAC
CONTROL
12-BIT
VOLTAGE
OUTPUT DAC
T0
T1
T2EX
T2
INT0
INT1
4 kBYTES DATA
FLASH/EE
62 kBYTES PROGRAM
FLASH/EE INCLUDING
USER DOWNLOAD
MODE
ASYNCHRONOUS
SERIAL PORT
(UART)
8052
MCU
CORE
DOWNLOADER
DEBUGGER
SYNCHRONOUS
SERIAL INTERFACE
(I2C AND SPI )
16-BIT
COUNTER
TIMERS
TIME INTERVAL
COUNTER
(WAKE-UP CCT)
OSC
2 kBYTES USER XRAM
2
× DATA POINTERS
11-BIT STACK POINTER
12-BIT
VOLTAGE
OUTPUT DAC
MUX
...
...
12-BIT
ADC
ADC0
ADC1
ADC6
ADC7
DAC0
MUX
16-BIT
Σ -∆ DAC
PWM0
PWM1
16-BIT
PWM
16-BIT
PWM
PWM
CONTROL
16-BIT
Σ -∆ DAC
T/H
CREF
BUF
UART
TIMER
PLL
Figure 2. ADuC Block Diagram (Shaded Areas are Features Not Present on the ADuC812),
No DACs on ADuC843, PLL on ADuC842/ADuC843 Only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com