Electronic Components Datasheet Search
  English  ▼

X  

AD822 Datasheet(PDF) 56 Page - Analog Devices

Part # AD822
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD822 Datasheet HTML 52Page - Analog Devices AD822 Datasheet HTML 53Page - Analog Devices AD822 Datasheet HTML 54Page - Analog Devices AD822 Datasheet HTML 55Page - Analog Devices AD822 Datasheet HTML 56Page - Analog Devices AD822 Datasheet HTML 57Page - Analog Devices AD822 Datasheet HTML 58Page - Analog Devices AD822 Datasheet HTML 59Page - Analog Devices AD822 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 56 of 88
INTVAL
User Time Interval Select Register
Function
User code writes the required time interval to this register. When the 8-bit interval counter is equal to the
time interval value loaded in the INTVAL SFR, the TII bit (TIMECON.2) is set and generates an
interrupt if enabled.
SFR Address
A6H
Power-On Default
00H
Bit Addressable
No
Valid Value
0 to 255 decimal
HTHSEC
Hundredths Seconds Time Register
Function
This register is incremented in 1/128 second intervals once TCEN in TIMECON is active. The HTHSEC
SFR counts from 0 to 127 before rolling over to increment the SEC time register.
SFR Address
A2H
Power-On Default
00H
Bit Addressable
No
Valid Value
0 to 127 decimal
SEC
Seconds Time Register
Function
This register is incremented in 1-second intervals once TCEN in TIMECON is active. The SEC SFR
counts from 0 to 59 before rolling over to increment the MIN time register.
SFR Address
A3H
Power-On Default
00H
Bit Addressable
No
Valid Value
0 to 59 decimal
MIN
Minutes Time Register
Function
This register is incremented in 1-minute intervals once TCEN in TIMECON is active. The MIN SFR
counts from 0 to 59 before rolling over to increment the HOUR time register.
SFR Address
A4H
Power-On Default
00H
Bit Addressable
No
Valid Value
0 to 59 decimal
HOUR
Hours Time Register
Function
This register is incremented in 1-hour intervals once TCEN in TIMECON is active. The HOUR SFR
counts from 0 to 23 before rolling over to 0.
SFR Address
A5H
Power-On Default
00H
Bit Addressable
No
Valid Value
0 to 23 decimal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com