Electronic Components Datasheet Search
  English  ▼

X  

DS1683STR Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1683STR
Description  Total-Elapsed-Time and Event Recorder with Alarm
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1683STR Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1683STR Datasheet HTML 1Page - Maxim Integrated Products DS1683STR Datasheet HTML 2Page - Maxim Integrated Products DS1683STR Datasheet HTML 3Page - Maxim Integrated Products DS1683STR Datasheet HTML 4Page - Maxim Integrated Products DS1683STR Datasheet HTML 5Page - Maxim Integrated Products DS1683STR Datasheet HTML 6Page - Maxim Integrated Products DS1683STR Datasheet HTML 7Page - Maxim Integrated Products DS1683STR Datasheet HTML 8Page - Maxim Integrated Products DS1683STR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DS1683
Total-Elapsed-Time and Event Recorder with Alarm
General Description
The DS1683 is an integrated elapsed-time recorder con-
taining a factory-calibrated, low-temperature-coefficient
RC time base that eliminates the need for an external
crystal. Using EEPROM technology to maintain data in
the absence of power, the DS1683 requires no backup
power source. The DS1683 detects and records the num-
ber of falling edge transitions on the EVENT pin as well
as the total cumulative time that the EVENT pin is held
high. The ALARM pin alerts the user when the total time
accumulated equals or exceeds the user-programmed
alarm value, or when the total number of events equals
or exceeds the user-programmed alarm value. The polar-
ity of the open-drain ALARM pin can be programmed
to either drive low or become high impedance upon an
alarm condition. The DS1683 is ideal for applications that
monitor the total amount of time that a device has been
in operation and/or the number of uses since inception
service, repair, or last calibration.
Applications
High-Temp, Rugged, Industrial Applications Where
Vibration or Shock Could Damage a Quartz Crystal
Any System Where Time-of-Use is Important to
Track
Power-on-Time Recorder
Benefits and Features
S
Records the Total Time the EVENT Input Has Been
Active High and Number of Events (Falling Edges
of EVENT) That Have Occurred
S
32-Bit, Nonvolatile, Elapsed Time Counter (ETC)
Monitors Event Duration with Quarter Seconds
Resolution and Provides 34 Years of Total Time
Accumulation
S
Nonvolatile 16-Bit Event Counter Records the
Number of Falling Edges Seen by the EVENT Pin
S
Calibrated, Low-Temperature-Coefficient RC Time
Base
S
16 Bytes of User EEPROM
S
Password Protection Scheme (4 Bytes)
S
I2C-Compatible Interface
S
+2.5V to +5.5V Operating Voltage Range
19-6388; Rev 0; 6/12
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part,
refer to www.maximintegrated.com/DS1683.related.
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.


Similar Part No. - DS1683STR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1683S+ MAXIM-DS1683S+ Datasheet
1Mb / 21P
Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683S+R MAXIM-DS1683S+R Datasheet
1Mb / 21P
Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683S+T MAXIM-DS1683S+T Datasheet
1Mb / 21P
Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
More results

Similar Description - DS1683STR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
Elapsed Time Counter
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
Elapsed Time Counter Module
DS1682 DALLAS-DS1682 Datasheet
77Kb / 13P
Total Elapsed Time Recorder with Alarm
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
logo
Maxim Integrated Produc...
DS1678 MAXIM-DS1678 Datasheet
819Kb / 25P
Real-Time Event Recorder
100405
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
Elapsed Time Counter
093002
DS1683 MAXIM-DS1683 Datasheet
1Mb / 21P
Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682_13 Datasheet
208Kb / 14P
Total-Elapsed-Time Recorder with Alarm
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
Elapsed Time Meters
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682_V01 Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com