Electronic Components Datasheet Search
  English  ▼

X  

DS1683STR Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1683STR
Description  Total-Elapsed-Time and Event Recorder with Alarm
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1683STR Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1683STR Datasheet HTML 1Page - Maxim Integrated Products DS1683STR Datasheet HTML 2Page - Maxim Integrated Products DS1683STR Datasheet HTML 3Page - Maxim Integrated Products DS1683STR Datasheet HTML 4Page - Maxim Integrated Products DS1683STR Datasheet HTML 5Page - Maxim Integrated Products DS1683STR Datasheet HTML 6Page - Maxim Integrated Products DS1683STR Datasheet HTML 7Page - Maxim Integrated Products DS1683STR Datasheet HTML 8Page - Maxim Integrated Products DS1683STR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DS1683
Total-Elapsed-Time and Event Recorder with Alarm
3
Maxim Integrated
Note 1: All voltages are referenced to ground. Currents entering the IC are specified as positive; currents exiting the IC are specified
as negative.
Note 2: Guaranteed by design.
Note 3: CB: Total capacitance of one bus line in pF.
Note 4: EEPROM write time begins after a STOP condition occurs.
Note 5: A decoupling capacitor to supply high instantaneous currents during EEPROM writes is recommended. A typical value is
0.01FF. VCC must be maintained above VCC(MIN), including transients, during EEPROM writes.
Note 6: VCC must be at or above 2.5V for tW after the end of an event to ensure data transfer to the EEPROM.
Note 7: Memory locations to which this specification applies: User Memory, ETC Alarm Limit, Event Counter Alarm Limit,
Configuration, Password Value.
Note 8: Memory locations to which this specification applies: Event Counter register, ETC register.
I2C AC ELECTRICAL CHARACTERISTICS
(VCC = 2.5V to 5.5V, TA = -40NC to +85NC, timing referenced to VIL(MAX) and VIH(MIN), unless otherwise noted.) (Figure 7)
NONVOLATILE MEMORY CHARACTERISTICS
(VCC = 2.5V to 5.5V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
F
s
Hold Time (Repeated) START
Condition
tHD:STA
0.6
F
s
Low Period of SCL
tLOW
1.3
F
s
High Period of SCL
tHIGH
0.6
F
s
Data Hold Time
tHD:DAT
0
0.9
F
s
Data Setup Time
tSU:DAT
100
ns
START Setup Time
tSU:STA
0.6
F
s
SDA and SCL Rise Time
tR
(Note 3)
20 +
0.1CB
300
ns
SDA and SCL Fall Time
tF
(Note 3)
20 +
0.1CB
300
ns
STOP Setup Time
tSU:STO
0.6
F
s
SDA and SCL Capacitive
Loading
CB
(Note 3)
400
pF
EEPROM Write Time
tW
(Notes 4, 5, 6)
10
20
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
EEPROM Write Cycles
TA = +70NC (Note 7)
50,000
Writes
EEPROM Write Cycles (4 Banks)
TA = +70NC (Note 8)
200,000
Writes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com