Electronic Components Datasheet Search
  English  ▼

X  

DS1683STR Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # DS1683STR
Description  Total-Elapsed-Time and Event Recorder with Alarm
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1683STR Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button DS1683STR Datasheet HTML 13Page - Maxim Integrated Products DS1683STR Datasheet HTML 14Page - Maxim Integrated Products DS1683STR Datasheet HTML 15Page - Maxim Integrated Products DS1683STR Datasheet HTML 16Page - Maxim Integrated Products DS1683STR Datasheet HTML 17Page - Maxim Integrated Products DS1683STR Datasheet HTML 18Page - Maxim Integrated Products DS1683STR Datasheet HTML 19Page - Maxim Integrated Products DS1683STR Datasheet HTML 20Page - Maxim Integrated Products DS1683STR Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
DS1683
Total-Elapsed-Time and Event Recorder with Alarm
20
Maxim Integrated
Figure 9. I2C Examples
+Denotes a lead(Pb)-free/RoHS-compliant package.
T&R = Tape and reel.
Package Information
For the latest package outline information and land patterns (foot-
prints), go to www.maximintegrated.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but the
drawing pertains to the package regardless of RoHS status.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
DS1683S+
-40NC to +85NC
8 SO
DS1683S+T&R
-40NC to +85NC
8 SO
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
8 SO
S8+4
21-0041
90-0096
SLAVE
ADDRESS
START
1
1
0
1
0
1
1 R/W SLAVE
ACK
MSB
LSB
b7 b6
MSB
LSB
REGISTER/MEMORY ADDRESS
MSBLSB
DATA
STOP
A) SINGLE BYTE WRITE
-WRITE A VALUE OF 07H TO THE
CONFIGURATION REGISTER:
REGISTER 16h
B) SINGLE BYTE READ
-READ THE STATUS REGISTER:
REGISTER 01h
C) TWO BYTE WRITE
-WRITE A VALUE OF F0h 00h TO THE
EVENT COUNTER ALARM LIMIT REGISTERS:
REGISTERS 10h AND 11h
TYPICAL I2C WRITE TRANSACTION
START
STOP
11 01 01 10
00010000
10h
START
REPEATED
START
D7h
MASTER
NACK
STOP
11 01 01 10
00 0 00001
01h
11 01 0111
START 11 01 01 10
00010110
D6h
D6h
D6h
16h
STOP
DATA
F0h
EXAMPLE I2C TRANSACTIONS
00 00 0111
D) TWO BYTE READ
-READ THE TWO BYTE VALUE OF THE
EVENT COUNTER REGISTERS:
REGISTERS 08h AND 09h
START
STOP
1 1010110
00 00 10 00
D6h
08h
REPEATED
START
D7h
MASTER
ACK
11 01 01 11
DATA
MASTER
NACK
DATA
00h
11 11 00 00
0 000 0000
07h
READ/WRITE
b5
b4
b3 b2
b1
b0
SLAVE
ACK
b7
b6
b5 b4 b3
b2
b1
b0
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com