Electronic Components Datasheet Search
  English  ▼

X  

DS1683STR Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # DS1683STR
Description  Total-Elapsed-Time and Event Recorder with Alarm
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1683STR Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button DS1683STR Datasheet HTML 12Page - Maxim Integrated Products DS1683STR Datasheet HTML 13Page - Maxim Integrated Products DS1683STR Datasheet HTML 14Page - Maxim Integrated Products DS1683STR Datasheet HTML 15Page - Maxim Integrated Products DS1683STR Datasheet HTML 16Page - Maxim Integrated Products DS1683STR Datasheet HTML 17Page - Maxim Integrated Products DS1683STR Datasheet HTML 18Page - Maxim Integrated Products DS1683STR Datasheet HTML 19Page - Maxim Integrated Products DS1683STR Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
DS1683
Total-Elapsed-Time and Event Recorder with Alarm
16
Maxim Integrated
Sample Applications
Figure 4 shows the DS1683 measuring total run time and
operating from a battery with the ALARM pin connected
to an LED. When the trigger switch is closed, the EVENT
pin is pulled high and the ETC register begins increment-
ing. When the trigger switch is opened, the EVENT pin is
pulled low by the resistor, the ETC register stops incre-
menting, the Event Counter register is incremented by
one, and the values of both the ETC and Event Counter
are stored in shadowed EEPROM. When the ETC or
Event Counter alarm conditions are met, the ALARM pin
pulls active low (the factory default setting), and current
flows through the LED, indicating an alarm condition.
Figure 5 shows the DS1683 in a total time-of-use applica-
tion where power may be removed at the same time as
the end of the event. The VCC slew rate at power-down is
fast with respect to tW. A capacitor maintains VCC on the
DS1683 above 2.5V until the EEPROM write completes. A
Schottky diode blocks current from the capacitor to other
devices connected to VCC.
The VCC holding capacitor value of 30FF is calculated
using the maximum EEPROM write current and EEPROM
write time. This assumes that the VCC slew rate allows
time from EVENT trip point to VCC at 2.5V on the DS1683
is at least tW.
Figure 6 shows the DS1683 in a total time-of-use applica-
tion with power that can be removed at the same time as
the end of the event. In this application, the VCC slew rate
at power-down is slow with respect to tW. The external
RST IC ends the event as VCC begins to drop. VCC must
remain above 2.5V until the end of tW.
Both circuits in Figure 5 and Figure 6 are read-only
because the state of the EVENT pin is tied VCC. Because
the EVENT pin is a logic 1 while VCC is applied, I2C write
commands are disabled, thus only I2C read commands
are possible in these configurations.
Figure 4. Total Run Time
Figure 5. Total Time-of-Use Application with Fast VCC Slew
Rate (Read-Only)
Figure 6. Total Time-of-Use Application with Slow VCC Slew
Rate (Read-Only)
DS1683
VCC
EVENT
TRIGGER SWITCH
LED
SCL
ALARM
SDA
GND
0.01µF
DS1683
VCC
EVENT
LED
SCL
ALARM
SDA
GND
0.01µF
30µF
VCC
DS1683
VCC
ALARM
LED
SCL
EVENT
SDA
GND
0.01µF
VCC
VCC
RESET
IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com