Electronic Components Datasheet Search
  English  ▼

X  

DS1683STR Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1683STR
Description  Total-Elapsed-Time and Event Recorder with Alarm
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1683STR Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1683STR Datasheet HTML 2Page - Maxim Integrated Products DS1683STR Datasheet HTML 3Page - Maxim Integrated Products DS1683STR Datasheet HTML 4Page - Maxim Integrated Products DS1683STR Datasheet HTML 5Page - Maxim Integrated Products DS1683STR Datasheet HTML 6Page - Maxim Integrated Products DS1683STR Datasheet HTML 7Page - Maxim Integrated Products DS1683STR Datasheet HTML 8Page - Maxim Integrated Products DS1683STR Datasheet HTML 9Page - Maxim Integrated Products DS1683STR Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
DS1683
Total-Elapsed-Time and Event Recorder with Alarm
6
Maxim Integrated
When the contents of the ETC and Event Counter registers
match or exceed their programmable alarm limits, the
ALARM pin can be driven to its active state as set by the
polarity bit, ALRM POL, located in the Configuration regis-
ter. Each of the alarm limits has an enable bit that should
be used to determine whether or not the ALARM pin
should be activated when the alarm conditions are met.
The DS1683 has an internal, low-temperature-coefficient,
RC-based oscillator that is started on power-up. The
DS1683 uses this RC time base to increment the ETC
register in 250ms increments while the EVENT pin is held
high. When the EVENT pin is driven low, the ETC register
ceases to increment.
EVENT Pin
The DS1683 monitors the state of the EVENT pin to
determine when an event occurs. When the pin is pulled
high, the ETC and Event Counter values are transferred
from shadowed EEPROM to SRAM. While the EVENT pin
is held high, the value of the ETC SRAM begins incre-
menting once every 250ms. Incrementing the ETC SRAM
value while EVENT is high allows the device to increment
the ETC value without contributing to EEPROM wear out.
When the EVENT pin falls to a logic 0, the Event Counter
SRAM value increments by a value of one. Also at this
time the ETC stops accumulating time. The values of
the EVENT and ETC Counter SRAM locations are then
stored in the ETC and EVENT Shadowed EEPROM array.
The EVENT input is deglitched (tG) to prevent short noise
spikes from triggering an event.
While the EVENT pin is high, the I2C bus is unavailable
for write commands, though read commands can still be
executed. When the EVENT pin transitions low, I2C com-
munication is unavailable for tW (EEPROM write time),
after which I2C writes are possible. However, if an I2C
write operation is underway, and the EVENT pin transi-
tions low to high, this operation is interrupted so that the
ETC and Event Counter registers can be updated. So it
is important to terminate all I2C write transactions before
transitioning the level on the EVENT pin.
An I2C read command can be performed regardless of
the state of the EVENT pin. On a low-to-high transition
of the EVENT pin, the I2C read command is allowed to
complete. However, it is strongly recommended that all
I2C communication be terminated before transitioning
the level on the EVENT pin.
When the EVENT pin is high and the device detects a
START signal on the I2C bus, a snapshot of the data
in the ETC and Event Counter SRAM is made available
on the I2C bus. When the EVENT pin is low and the
device detects a START signal on the I2C bus, data is
transferred from the ETC and Event Counter shadowed
EEPROM bank memory.
Elapsed Time Counter (ETC)
Register
The Elapsed Time Counter (ETC) register is a 32-bit value
that holds time in quarter-second resolution. The ETC
register consists of 4 bytes of memory in the memory
map. Once the counter reaches FFFFFFFFh, counting
stops. The ETC register is backed by 4 banks of shad-
owed EEPROM, which allow for 200k+ write cycles to
occur before a wearout condition. When an I2C read
occurs while the EVENT pin is high, a snapshot of the
value from the ETC SRAM is made available for the I2C
bus. When the EVENT pin is logic 0, I2C reads take data
from the shadowed EEPROM ETC bank memory.
On power-on reset (POR), the ETC value stored in the
shadowed EEPROM bank memory is loaded into the ETC
SRAM location (Figure 1). This also happens when a low-
to-high transition occurs on the EVENT pin, or when an
I2C write to the ETC register occurs. When data is written
to the ETC register, the value is stored in the shadowed
EEPROM bank memory and also in the corresponding
ETC SRAM location. This data is transferred after the
STOP of the I2C command.
Figure 1. Data Transfer Between Nonvolatile and Volatile
Memory Types
1
1
1
VCC
EVENT
PIN
I2C
WRITE COMMAND TO
ETC OR EVENT REGISTERS
1 SHADOWED EEPROM IS WRITTEN TO SRAM
2 SRAM IS WRITTEN TO SHADOWED EEPROM
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com