Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 247 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 247 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 243Page - Altera Corporation EP3SE110 Datasheet HTML 244Page - Altera Corporation EP3SE110 Datasheet HTML 245Page - Altera Corporation EP3SE110 Datasheet HTML 246Page - Altera Corporation EP3SE110 Datasheet HTML 247Page - Altera Corporation EP3SE110 Datasheet HTML 248Page - Altera Corporation EP3SE110 Datasheet HTML 249Page - Altera Corporation EP3SE110 Datasheet HTML 250Page - Altera Corporation EP3SE110 Datasheet HTML 251Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–237
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.2 V
2mA
GCLK
t
co
3.620
3.620
5.244 5.726 6.036 6.206 6.263 5.726 6.036 6.206 6.263
ns
GCLK
PLL
t
co
3.912
3.918
5.648 6.149 6.794 6.608 7.029 6.149 6.794 6.608 7.029
ns
4mA
GCLK
t
co
3.447
3.447
4.922 5.345 5.750 5.777 5.977 5.345 5.750 5.777 5.977
ns
GCLK
PLL
t
co
3.789
3.795
5.422 5.887 6.508 6.322 6.743 5.887 6.508 6.322 6.743
ns
6mA
GCLK
t
co
3.360
3.360
4.795 5.204 5.637 5.622 5.864 5.204 5.637 5.622 5.864
ns
GCLK
PLL
t
co
3.751
3.757
5.330 5.798 6.395 6.209 6.630 5.798 6.395 6.209 6.630
ns
8mA
GCLK
t
co
3.336
3.336
4.726 5.144 5.581 5.531 5.808 5.144 5.581 5.531 5.808
ns
GCLK
PLL
t
co
3.704
3.710
5.302 5.749 6.339 6.153 6.574 5.749 6.339 6.153 6.574
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
3.324
3.324
4.688 5.075 5.512 5.479 5.739 5.075 5.512 5.479 5.739
ns
GCLK
PLL
t
co
3.704
3.710
5.259 5.696 6.270 6.084 6.505 5.696 6.270 6.084 6.505
ns
10mA
GCLK
t
co
3.321
3.321
4.681 5.068 5.508 5.485 5.735 5.068 5.508 5.485 5.735
ns
GCLK
PLL
t
co
3.701
3.707
5.256 5.693 6.266 6.080 6.501 5.693 6.266 6.080 6.501
ns
12mA
GCLK
t
co
3.309
3.309
4.677 5.064 5.509 5.465 5.736 5.064 5.509 5.465 5.736
ns
GCLK
PLL
t
co
3.699
3.705
5.256 5.694 6.267 6.081 6.502 5.694 6.267 6.081 6.502
ns
SSTL-2
CLASS II
16mA
GCLK
t
co
3.286
3.286
4.647 5.033 5.494 5.431 5.721 5.033 5.494 5.431 5.721
ns
GCLK
PLL
t
co
3.690
3.696
5.241 5.678 6.252 6.066 6.487 5.678 6.252 6.066 6.487
ns
SSTL-18
CLASS I
4mA
GCLK
t
co
3.340
3.340
4.700 5.090 5.528 5.507 5.755 5.090 5.528 5.507 5.755
ns
GCLK
PLL
t
co
3.711
3.717
5.271 5.710 6.286 6.100 6.521 5.710 6.286 6.100 6.521
ns
6mA
GCLK
t
co
3.323
3.323
4.697 5.087 5.526 5.496 5.753 5.087 5.526 5.496 5.753
ns
GCLK
PLL
t
co
3.707
3.713
5.269 5.708 6.284 6.098 6.519 5.708 6.284 6.098 6.519
ns
8mA
GCLK
t
co
3.311
3.311
4.677 5.067 5.517 5.489 5.744 5.067 5.517 5.489 5.744
ns
GCLK
PLL
t
co
3.696
3.702
5.259 5.699 6.275 6.089 6.510 5.699 6.275 6.089 6.510
ns
10mA
GCLK
t
co
3.282
3.282
4.659 5.049 5.504 5.450 5.731 5.049 5.504 5.450 5.731
ns
GCLK
PLL
t
co
3.685
3.691
5.246 5.686 6.262 6.076 6.497 5.686 6.262 6.076 6.497
ns
12mA
GCLK
t
co
3.281
3.281
4.659 5.049 5.504 5.450 5.731 5.049 5.504 5.450 5.731
ns
GCLK
PLL
t
co
3.685
3.691
5.246 5.686 6.262 6.076 6.497 5.686 6.262 6.076 6.497
ns
Table 1–113. EP3SE80 Column Pins Output Timing Parameters (Part 4 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com