Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 244 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 244 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 240Page - Altera Corporation EP3SE110 Datasheet HTML 241Page - Altera Corporation EP3SE110 Datasheet HTML 242Page - Altera Corporation EP3SE110 Datasheet HTML 243Page - Altera Corporation EP3SE110 Datasheet HTML 244Page - Altera Corporation EP3SE110 Datasheet HTML 245Page - Altera Corporation EP3SE110 Datasheet HTML 246Page - Altera Corporation EP3SE110 Datasheet HTML 247Page - Altera Corporation EP3SE110 Datasheet HTML 248Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 341 page
background image
1–234
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–113 lists the EP3SE80 column pins output timing parameters for single-ended
I/O standards.
Table 1–113. EP3SE80 Column Pins Output Timing Parameters (Part 1 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.559
3.559
4.935 5.323 5.638 5.693 5.865 5.323 5.638 5.693 5.865
ns
GCLK
PLL
t
co
3.859
3.865
5.394 5.826 6.396 6.210 6.631 5.826 6.396 6.210 6.631
ns
8mA
GCLK
t
co
3.442
3.442
4.781 5.161 5.525 5.523 5.752 5.161 5.525 5.523 5.752
ns
GCLK
PLL
t
co
3.792
3.798
5.285 5.715 6.283 6.097 6.518 5.715 6.283 6.097 6.518
ns
12mA
GCLK
t
co
3.347
3.347
4.644 5.018 5.433 5.371 5.660 5.018 5.433 5.371 5.660
ns
GCLK
PLL
t
co
3.706
3.712
5.181 5.616 6.191 6.005 6.426 5.616 6.191 6.005 6.426
ns
16mA
GCLK
t
co
3.302
3.302
4.619 4.994 5.392 5.346 5.619 4.994 5.392 5.346 5.619
ns
GCLK
PLL
t
co
3.699
3.705
5.164 5.588 6.150 5.964 6.385 5.588 6.150 5.964 6.385
ns
3.3-V
LVCMOS
4mA
GCLK
t
co
3.562
3.562
4.939 5.335 5.645 5.707 5.872 5.335 5.645 5.707 5.872
ns
GCLK
PLL
t
co
3.865
3.871
5.398 5.831 6.403 6.217 6.638 5.831 6.403 6.217 6.638
ns
8mA
GCLK
t
co
3.362
3.362
4.649 5.023 5.444 5.377 5.671 5.023 5.444 5.377 5.671
ns
GCLK
PLL
t
co
3.710
3.716
5.191 5.633 6.202 6.016 6.437 5.633 6.202 6.016 6.437
ns
12mA
GCLK
t
co
3.305
3.305
4.612 4.992 5.418 5.346 5.645 4.992 5.418 5.346 5.645
ns
GCLK
PLL
t
co
3.717
3.723
5.185 5.612 6.176 5.990 6.411 5.612 6.176 5.990 6.411
ns
16mA
GCLK
t
co
3.285
3.285
4.558 4.934 5.389 5.289 5.616 4.934 5.389 5.289 5.616
ns
GCLK
PLL
t
co
3.701
3.707
5.163 5.587 6.147 5.961 6.382 5.587 6.147 5.961 6.382
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.504
3.504
4.884 5.274 5.605 5.658 5.832 5.274 5.605 5.658 5.832
ns
GCLK
PLL
t
co
3.823
3.829
5.361 5.794 6.363 6.177 6.598 5.794 6.363 6.177 6.598
ns
8mA
GCLK
t
co
3.374
3.374
4.715 5.102 5.468 5.497 5.693 5.102 5.468 5.497 5.693
ns
GCLK
PLL
t
co
3.712
3.718
5.231 5.660 6.225 6.041 6.459 5.660 6.225 6.041 6.459
ns
12mA
GCLK
t
co
3.299
3.299
4.626 5.003 5.394 5.395 5.620 5.003 5.394 5.395 5.620
ns
GCLK
PLL
t
co
3.676
3.682
5.168 5.591 6.151 5.967 6.386 5.591 6.151 5.967 6.386
ns
16mA
GCLK
t
co
3.262
3.262
4.561 4.934 5.365 5.345 5.592 4.934 5.365 5.345 5.592
ns
GCLK
PLL
t
co
3.658
3.664
5.139 5.563 6.123 5.937 6.358 5.563 6.123 5.937 6.358
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com