Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 240 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 240 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 236Page - Altera Corporation EP3SE110 Datasheet HTML 237Page - Altera Corporation EP3SE110 Datasheet HTML 238Page - Altera Corporation EP3SE110 Datasheet HTML 239Page - Altera Corporation EP3SE110 Datasheet HTML 240Page - Altera Corporation EP3SE110 Datasheet HTML 241Page - Altera Corporation EP3SE110 Datasheet HTML 242Page - Altera Corporation EP3SE110 Datasheet HTML 243Page - Altera Corporation EP3SE110 Datasheet HTML 244Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 341 page
background image
1–230
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
SSTL-2
CLASS I
GCLK
t
su
-0.991
-0.991
-1.425 -1.539 -1.664 -1.611 -1.965 -1.539 -1.664 -1.611 -1.965
ns
t
h
1.134
1.134
1.624
1.764
1.909
1.842
2.201
1.764
1.909
1.842
2.201
ns
GCLK
PLL
t
su
-1.244
-1.244
-1.790 -1.931 -2.113 -2.006 -2.453 -1.931 -2.113 -2.006 -2.453
ns
t
h
1.544
1.544
2.222
2.416
2.650
2.513
2.978
2.416
2.650
2.513
2.978
ns
SSTL-2
CLASS II
GCLK
t
su
-0.991
-0.991
-1.425 -1.539 -1.664 -1.611 -1.965 -1.539 -1.664 -1.611 -1.965
ns
t
h
1.134
1.134
1.624
1.764
1.909
1.842
2.201
1.764
1.909
1.842
2.201
ns
GCLK
PLL
t
su
-1.244
-1.244
-1.790 -1.931 -2.113 -2.006 -2.453 -1.931 -2.113 -2.006 -2.453
ns
t
h
1.544
1.544
2.222
2.416
2.650
2.513
2.978
2.416
2.650
2.513
2.978
ns
SSTL-18
CLASS I
GCLK
t
su
-0.985
-0.985
-1.412 -1.531 -1.661 -1.606 -1.963 -1.531 -1.661 -1.606 -1.963
ns
t
h
1.128
1.128
1.611
1.753
1.903
1.836
2.194
1.753
1.903
1.836
2.194
ns
GCLK
PLL
t
su
-1.238
-1.238
-1.777 -1.923 -2.110 -2.001 -2.451 -1.923 -2.110 -2.001 -2.451
ns
t
h
1.538
1.538
2.209
2.405
2.644
2.507
2.971
2.405
2.644
2.507
2.971
ns
SSTL-18
CLASS II
GCLK
t
su
-0.985
-0.985
-1.412 -1.531 -1.661 -1.606 -1.963 -1.531 -1.661 -1.606 -1.963
ns
t
h
1.128
1.128
1.611
1.753
1.903
1.836
2.194
1.753
1.903
1.836
2.194
ns
GCLK
PLL
t
su
-1.238
-1.238
-1.777 -1.923 -2.110 -2.001 -2.451 -1.923 -2.110 -2.001 -2.451
ns
t
h
1.538
1.538
2.209
2.405
2.644
2.507
2.971
2.405
2.644
2.507
2.971
ns
SSTL-15
CLASS I
GCLK
t
su
-0.974
-0.974
-1.401 -1.520 -1.642 -1.587 -1.944 -1.520 -1.642 -1.587 -1.944
ns
t
h
1.117
1.117
1.599
1.742
1.884
1.817
2.175
1.742
1.884
1.817
2.175
ns
GCLK
PLL
t
su
-1.227
-1.227
-1.766 -1.912 -2.091 -1.982 -2.432 -1.912 -2.091 -1.982 -2.432
ns
t
h
1.527
1.527
2.197
2.394
2.625
2.488
2.952
2.394
2.625
2.488
2.952
ns
1.8-V HSTL
CLASS I
GCLK
t
su
-0.974
-0.974
-1.401 -1.520 -1.642 -1.587 -1.944 -1.520 -1.642 -1.587 -1.944
ns
t
h
1.117
1.117
1.599
1.742
1.884
1.817
2.175
1.742
1.884
1.817
2.175
ns
GCLK
PLL
t
su
-1.227
-1.227
-1.766 -1.912 -2.091 -1.982 -2.432 -1.912 -2.091 -1.982 -2.432
ns
t
h
1.527
1.527
2.197
2.394
2.625
2.488
2.952
2.394
2.625
2.488
2.952
ns
1.8-V HSTL
CLASS II
GCLK
t
su
-0.985
-0.985
-1.412 -1.531 -1.661 -1.606 -1.963 -1.531 -1.661 -1.606 -1.963
ns
t
h
1.128
1.128
1.611
1.753
1.903
1.836
2.194
1.753
1.903
1.836
2.194
ns
GCLK
PLL
t
su
-1.238
-1.238
-1.777 -1.923 -2.110 -2.001 -2.451 -1.923 -2.110 -2.001 -2.451
ns
t
h
1.538
1.538
2.209
2.405
2.644
2.507
2.971
2.405
2.644
2.507
2.971
ns
1.5-V HSTL
CLASS I
GCLK
t
su
-0.985
-0.985
-1.412 -1.531 -1.661 -1.606 -1.963 -1.531 -1.661 -1.606 -1.963
ns
t
h
1.128
1.128
1.611
1.753
1.903
1.836
2.194
1.753
1.903
1.836
2.194
ns
GCLK
PLL
t
su
-1.238
-1.238
-1.777 -1.923 -2.110 -2.001 -2.451 -1.923 -2.110 -2.001 -2.451
ns
t
h
1.538
1.538
2.209
2.405
2.644
2.507
2.971
2.405
2.644
2.507
2.971
ns
1.5-V HSTL
CLASS II
GCLK
t
su
-0.974
-0.974
-1.401 -1.520 -1.642 -1.587 -1.944 -1.520 -1.642 -1.587 -1.944
ns
t
h
1.117
1.117
1.599
1.742
1.884
1.817
2.175
1.742
1.884
1.817
2.175
ns
GCLK
PLL
t
su
-1.227
-1.227
-1.766 -1.912 -2.091 -1.982 -2.432 -1.912 -2.091 -1.982 -2.432
ns
t
h
1.527
1.527
2.197
2.394
2.625
2.488
2.952
2.394
2.625
2.488
2.952
ns
Table 1–111. EP3SE80 Column Pins Input Timing Parameters (Part 2 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com