Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 252 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 252 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 248Page - Altera Corporation EP3SE110 Datasheet HTML 249Page - Altera Corporation EP3SE110 Datasheet HTML 250Page - Altera Corporation EP3SE110 Datasheet HTML 251Page - Altera Corporation EP3SE110 Datasheet HTML 252Page - Altera Corporation EP3SE110 Datasheet HTML 253Page - Altera Corporation EP3SE110 Datasheet HTML 254Page - Altera Corporation EP3SE110 Datasheet HTML 255Page - Altera Corporation EP3SE110 Datasheet HTML 256Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 341 page
background image
1–242
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.5 V
2mA
GCLK
t
co
3.362
3.640
5.236 5.694
6.288 6.140
6.438
5.829 6.428
6.280
6.535
ns
GCLK
PLL
t
co
1.563
1.780
2.417 2.570
2.698 2.865
2.872
2.687 2.818
2.986
2.881
ns
4mA
GCLK
t
co
3.152
3.396
4.831 5.257
5.797 5.649
5.947
5.383 5.924
5.776
6.031
ns
GCLK
PLL
t
co
1.331
1.522
2.012 2.133
2.304 2.374
2.381
2.241 2.417
2.482
2.377
ns
6mA
GCLK
t
co
3.125
3.370
4.758 5.168
5.691 5.552
5.841
5.293 5.819
5.677
5.926
ns
GCLK
PLL
t
co
1.304
1.488
1.939 2.037
2.235 2.268
2.297
2.143 2.344
2.377
2.290
ns
8mA
GCLK
t
co
3.106
3.359
4.738 5.143
5.672 5.533
5.822
5.269 5.797
5.658
5.904
ns
GCLK
PLL
t
co
1.285
1.477
1.917 2.019
2.216 2.249
2.278
2.125 2.325
2.355
2.271
ns
1.2 V
2mA
GCLK
t
co
3.305
3.565
5.146 5.608
6.213 6.065
6.363
5.741 6.344
6.196
6.451
ns
GCLK
PLL
t
co
1.506
1.705
2.327 2.484
2.637 2.790
2.797
2.599 2.749
2.902
2.797
ns
4mA
GCLK
t
co
3.157
3.400
4.853 5.285
5.838 5.690
5.988
5.408 5.966
5.818
6.073
ns
GCLK
PLL
t
co
1.336
1.518
2.034 2.161
2.352 2.415
2.422
2.266 2.461
2.524
2.419
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
3.071
3.309
4.672 5.060
5.557 5.426
5.707
5.180 5.686
5.548
5.785
ns
GCLK
PLL
t
co
1.248
1.427
1.835 1.918
2.143 2.134
2.177
2.020 2.225
2.236
2.166
ns
12mA
GCLK
t
co
3.066
3.305
4.669 5.058
5.549 5.424
5.699
5.179 5.679
5.547
5.778
ns
GCLK
PLL
t
co
1.236
1.415
1.827 1.910
2.135 2.126
2.175
2.012 2.218
2.229
2.165
ns
SSTL-2
CLASS II
16mA
GCLK
t
co
3.057
3.294
4.654 5.042
5.522 5.407
5.672
5.162 5.652
5.529
5.751
ns
GCLK
PLL
t
co
1.220
1.397
1.802 1.885
2.108 2.099
2.158
1.986 2.191
2.202
2.147
ns
SSTL-18
CLASS I
4mA
GCLK
t
co
3.085
3.323
4.689 5.080
5.578 5.447
5.724
5.199 5.698
5.568
5.802
ns
GCLK
PLL
t
co
1.264
1.441
1.849 1.934
2.130 2.151
2.192
2.035 2.235
2.254
2.181
ns
6mA
GCLK
t
co
3.080
3.318
4.687 5.079
5.577 5.446
5.723
5.197 5.696
5.566
5.800
ns
GCLK
PLL
t
co
1.259
1.436
1.847 1.933
2.129 2.150
2.191
2.033 2.233
2.252
2.179
ns
8mA
GCLK
t
co
3.069
3.307
4.677 5.069
5.567 5.436
5.713
5.188 5.687
5.557
5.791
ns
GCLK
PLL
t
co
1.248
1.425
1.837 1.923
2.119 2.140
2.181
2.024 2.224
2.243
2.170
ns
10mA
GCLK
t
co
3.058
3.296
4.664 5.056
5.554 5.423
5.700
5.176 5.675
5.545
5.779
ns
GCLK
PLL
t
co
1.237
1.414
1.824 1.910
2.106 2.127
2.168
2.012 2.212
2.231
2.158
ns
12mA
GCLK
t
co
3.058
3.295
4.664 5.056
5.554 5.423
5.700
5.175 5.675
5.545
5.779
ns
GCLK
PLL
t
co
1.237
1.413
1.824 1.910
2.106 2.127
2.168
2.011 2.212
2.231
2.158
ns
Table 1–114. EP3SE80 Row Pins Output Timing Parameters (Part 3 of 5)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com